전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV320Z5HJ-R

  • AI
    The **MPV320Z5HJ-R** is a specific integrated circuit, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter** or a multi-phase power module, often utilized in automotive and industrial applications where high reliability and efficiency are required. Below is a breakdown of its technical characteristics and internal components. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC-DC Synchronous Step-Down Regulator | | **Input Voltage Range** | Typically 4.5V to 18V (Application dependent) | | **Output Current** | High-current capability (often 20A+ depending on configuration) | | **Switching Frequency** | Programmable or Fixed (e.g., 300kHz to 1.5MHz) | | **Package Type** | QFN / Power-enhanced surface mount | | **Efficiency** | Up to 95% at optimal load | --- ### 2. Internal Electronic Architecture The "MPV" series usually incorporates several discrete functions into a single silicon die or a multi-chip module (MCM): * **Integrated MOSFETs:** High-side and low-side power transistors with low $R_{DS(on)}$ to minimize thermal loss. * **PWM Controller:** A Pulse Width Modulation engine that regulates the output voltage based on feedback loops. * **Current Sensing:** Internal circuitry to monitor real-time current for protection and load balancing. * **Thermal Protection:** Sensors that trigger a "Thermal Shutdown" if the junction temperature exceeds safety limits (usually around 150°C). --- ### 3. Pinout and External Components To function correctly, the MPV320Z5HJ-R requires specific external passive components: 1. **Inductor (L):** Vital for energy storage; its value determines the output ripple current. 2. **Input Capacitors ($C_{IN}$):** Ceramic capacitors used to filter high-frequency noise from the power source. 3. **Output Capacitors ($C_{OUT}$):** Used to stabilize the output voltage and handle load transients. 4. **Bootstrap Capacitor ($C_{BST}$):** Provides the necessary gate drive voltage for the high-side N-channel MOSFET. --- ### 4. Common Applications Due to its high power density and stability, this part is frequently found in: * **Automotive Infotainment:** Powering high-end GPUs and CPUs in dashboards. * **Networking Equipment:** High-current rails for FPGAs and ASICs. * **Industrial Automation:** Point-of-Load (PoL) regulation for control systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitors for this specific IC?
    • ⤷ Does the MPV320Z5HJ-R support I2C or PMBus digital communication?
    • ⤷ What is the operating temperature range for the automotive-grade version of this part?