전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV380R1QJ-R

  • AI
    The **MPV380R1QJ-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a high-performance **Surge Protective Device (SPD)** module. These components are designed to protect sensitive electronics from voltage transients (surges) caused by lightning or inductive load switching. --- ## 1. Technical Specifications Below are the typical technical parameters associated with this part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Maximum Operating Voltage** | 380V AC / 500V DC | | **Varistor Voltage** | ~620V (at 1mA DC) | | **Maximum Surge Current** | 40kA (8/20µs pulse) | | **Configuration** | Single Phase / Multi-module | | **Mounting Type** | PCB or DIN Rail (Model dependent) | | **Features** | Thermal Disconnect / Remote Signaling | --- ## 2. Internal Composition & Operation The MPV380R1QJ-R functions as a **voltage-dependent resistor**. Its behavior can be summarized in three states: ### A. Standby Mode Under normal operating voltages (below 380V), the device maintains high impedance. It acts as an open circuit, allowing current to flow to the load without interference. ### B. Clamping Mode When a high-voltage spike occurs, the resistance drops instantly. The device "clamps" the voltage to a safe level by diverting the excess current to the ground or neutral line. ### C. Thermal Protection The "QJ" designation often indicates a **Thermal Disconnect** feature. If the MOV overheats due to repeated surges or end-of-life failure, an internal thermal fuse disconnects the component to prevent fire hazards. --- ## 3. Key Applications * **Industrial Automation:** Protecting PLCs and sensitive sensors from grid fluctuations. * **Renewable Energy:** Used in solar inverters and wind turbine control systems. * **Power Supplies:** Integrated into high-end UPS (Uninterruptible Power Supply) units. * **HVAC Systems:** Protection for compressor motors and electronic control boards. --- ## 4. Part Number Breakdown (Generic) | Code | Meaning | | :--- | :--- | | **MPV** | Series (Metal Oxide Varistor / Multi-Protection Varistor) | | **380** | Rated Operating Voltage (380V) | | **R1** | Revision or specific internal configuration | | **QJ** | Thermal protection / Quick-response junction | | **-R** | RoHS Compliant / Reel packaging |
    ✨ Follow-up Questions
    • ⤷ What are the mounting footprints for the MPV380R1QJ-R?
    • ⤷ How does the thermal disconnect feature signal a failure?
    • ⤷ What is the difference between this MOV and a standard GDT (Gas Discharge Tube)?