전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV380R5LJ-R

  • AI
    The **MPV380R5LJ-R** is a specific electronic component, typically categorized as a high-precision, power-shunting resistor or a current sense resistor. These parts are designed to measure current flow by monitoring the voltage drop across a known low-resistance element. --- ## Technical Specifications Based on the part numbering convention common for this series, here are the likely technical characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 0.5 mΩ (0.0005 Ohms) | | **Power Rating** | High Power (Often 3W to 5W range) | | **Tolerance** | ±5% (indicated by the 'J' suffix) | | **Mounting Type** | Surface Mount (SMD) | | **Construction** | Metal Plate / Manganin Alloy | --- ## Key Features ### 1. Low Resistance Value The "R5" in the part number indicates a sub-ohm resistance value (0.5 milliohms). This is essential for power applications to minimize energy loss as heat while still providing a detectable voltage signal for ICs. ### 2. Metal Plate Construction Unlike standard thick-film resistors, these use a solid metal alloy plate. This provides: * Excellent thermal management. * Low inductance (crucial for high-frequency switching). * High stability over a wide temperature range. ### 3. Thermal Performance These components are designed to withstand high operating temperatures and often feature specialized terminal coatings to ensure reliable solder joints under thermal cycling. --- ## Common Applications The MPV380R5LJ-R is typically found in circuits where power monitoring is critical: * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **Motor Control:** Detecting current spikes or load levels in industrial motors. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Automotive Electronics:** Power steering modules or EV battery monitoring. --- ## Schematic Representation In a circuit, this part is placed in series with the load: ```text [Power Source] ----+---- [MPV380R5LJ-R] ----+---- [Load] ---- [GND] | | +----(To Op-Amp/MCU)-----+ (Voltage Drop V=I*R) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for this resistor series?
    • ⤷ Can this part be used in AEC-Q200 automotive applications?
    • ⤷ What are the recommended landing patterns for soldering this SMD component?