전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV380Z2QJ-R

  • AI
    The **MPV380Z2QJ-R** is a high-performance, integrated power management component, typically classified as a **DC-DC Step-Down (Buck) Converter Module**. These parts are designed to provide efficient voltage regulation in compact spaces, often used in telecommunications, industrial automation, and networking equipment. --- ### 1. Key Technical Specifications Below are the estimated technical parameters for this class of integrated power modules: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | Wide range (typically 4.5V to 16V or 24V) | | **Output Voltage** | Adjustable (often 0.6V to 5.0V) | | **Current Rating** | High-density output (e.g., 20A - 40A range) | | **Switching Frequency** | High frequency (300kHz to 1MHz+) | | **Package Type** | QFN / LGA (Surface Mount) | | **Efficiency** | Up to 95% depending on load | --- ### 2. Internal Electronic Architecture The "MPV" series usually integrates several discrete components into a single package to simplify PCB design: * **Integrated MOSFETs:** High-side and Low-side power transistors are built-in to reduce parasitic inductance. * **Controller IC:** Contains the PWM (Pulse Width Modulation) logic, feedback loops, and error amplifiers. * **Inductor (In some modules):** Some "Z" suffix modules are "Power Modules" that include the inductor inside the shielding. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OVP:** Over-Voltage Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. --- ### 3. Pinout and Connectivity Features While specific pin maps vary by the exact revision, the MPV series generally utilizes the following connection types: 1. **VIN/VOUT:** Main power input and regulated output paths. 2. **GND/PGND:** Signal and Power grounds (must be kept separate on the PCB layout for noise reduction). 3. **FB (Feedback):** Connected to a resistor divider to set the desired output voltage. 4. **EN (Enable):** Logic pin to turn the converter on or off. 5. **PGOOD:** Open-drain output that signals when the output voltage is within regulation. --- ### 4. Application Use Cases Due to its high efficiency and small footprint, the MPV380Z2QJ-R is commonly found in: * **FPGA/ASIC Power Rails:** Providing low-voltage, high-current power to core processors. * **Server Motherboards:** Localized "Point of Load" (POL) regulation. * **Optical Modules:** High-speed data transceivers requiring clean, stable power. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal management techniques for the MPV380Z2QJ-R?
    • ⤷ How do I calculate the resistor divider for the FB pin to set a 1.2V output?
    • ⤷ Is this part compatible with I2C or PMBus digital communication?