전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV3J10S8PJ-R

  • AI
    The **MPV3J10S8PJ-R** is a specific part number belonging to a series of high-performance **Surface Mount (SMD) Power Inductors**, typically manufactured by companies like Delta Electronics. These components are designed for high-frequency DC-DC converters and power modules. --- ### 1. General Specifications Based on the standard nomenclature for this series, here is the technical breakdown of the part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 1.0 µH (Identified by "10S") | | **Tolerance** | ±20% | | **Package Size** | 3.2mm x 2.5mm (approx. 1210 Case Size) | | **Construction** | Metal Alloy Powder (Molded) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Features * **Magnetic Shielding:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding, making it suitable for high-density PCB layouts. * **High Saturation Current:** Utilizing metal powder technology allows the inductor to handle high peak currents without the inductance dropping sharply (soft saturation). * **Low DCR:** It features low Direct Current Resistance (DCR), which minimizes power loss and heat generation. * **High Frequency Performance:** Optimized for switching frequencies ranging from 1MHz to 5MHz. --- ### 3. Application Use Cases The MPV3J10S8PJ-R is commonly used in power management circuits for portable and space-constrained electronics: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power supply circuits. 2. **Mobile Devices:** Ideal for smartphones and tablets due to its small footprint and high efficiency. 3. **DC-DC Converters:** Buck, Boost, or Buck-Boost converters in automotive or industrial IoT devices. 4. **SSD Power Rails:** Providing stable current for high-speed storage devices. --- ### 4. Part Number Decoding (Typical) While internal codes vary by manufacturer, the string generally breaks down as follows: * **MPV:** Product Series (Molded Power Inductor). * **3J:** Physical dimensions/Case size indicator. * **10S:** Inductance value (1.0 microhenries). * **8PJ:** Tolerance and specific material/termination code. * **-R:** RoHS compliant or Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for this specific inductor?
    • ⤷ Can you provide a comparison between metal alloy inductors and ferrite core inductors?
    • ⤷ What are the recommended soldering profile settings for the MPV series?