전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV3J20B8PJ-R

  • AI
    Based on the part number provided, **MPV3J20B8PJ-R** belongs to the family of **High-Speed Data Transmission Connectors**, specifically often associated with automotive-grade Fakra or mini-coaxial connectors used in telematics and infotainment systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MPV series is designed for robust connectivity in environments requiring high data rates and electromagnetic compatibility (EMC). | Parameter | Specification | | :--- | :--- | | **Connector Type** | High-speed Coaxial / Mini-FAKRA | | **Impedance** | 50 $\Omega$ (Standard for RF) | | **Frequency Range** | DC up to 6 GHz / 9 GHz (Depending on variant) | | **Data Rate** | Supports up to 20 Gbps (Aggregate) | | **Application** | ADAS Cameras, Infotainment, Navigation | --- ### 2. Technical Features This specific component is engineered to handle high-frequency signals with minimal loss. * **Miniaturization:** Designed to save space compared to traditional FAKRA connectors (up to 80% space reduction). * **EMI/EMC Shielding:** Features enhanced shielding to prevent interference with sensitive automotive sensors. * **Mechanical Coding:** Often includes physical "keys" (coding) to prevent incorrect mating during assembly. * **Mounting:** Typically utilizes **SMT (Surface Mount Technology)** or **Through-Hole Reflow** for PCB integration. --- ### 3. Pinout and Internal Structure While specific internal schematics are proprietary to the manufacturer (often Rosenberger or Hirose equivalents), the general structure of the **"8PJ"** variant typically follows this logic: | Component | Material/Function | | :--- | :--- | | **Center Contact** | Gold-plated copper alloy for signal integrity | | **Insulator** | High-performance polymer (LCP) | | **Outer Contact** | Zinc alloy or Tin-plated copper for grounding/shielding | | **Housing** | Heat-resistant plastic (PA/PBT) | --- ### 4. Application Logic The **"R"** suffix usually denotes **Tape & Reel** packaging, signifying that this part is intended for automated SMT pick-and-place assembly lines. ```cpp // Example: Signal Processing Logic for ADAS using this connector void processCameraFeed() { // Connector facilitates 20Gbps throughput if (signal_integrity == HIGH) { init_adas_stream(LANE_DEPARTURE_WARNING); } else { trigger_emc_fault_log(); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the MPV3J20B8PJ-R?
    • ⤷ Which manufacturers are the primary sources for this specific part number?
    • ⤷ Can this connector support automotive Ethernet protocols?