전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPV3J60B1QJ-R

  • AI
    The **MPV3J60B1QJ-R** is a high-performance power management component, typically categorized as a **Vcore Multi-phase Controller** or a specialized **DC-DC Converter** used in computing and industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is often found in power delivery systems for CPUs, GPUs, and FPGAs where high efficiency and high current density are required. | Parameter | Description | | :--- | :--- | | **Component Type** | Multi-phase Step-down (Buck) Controller / Module | | **Input Voltage Range** | Typically 4.5V to 16V (Standard for 12V rails) | | **Output Current** | High-density (often part of a 60A+ per phase solution) | | **Switching Frequency** | Programmable (typically 300kHz to 1.2MHz) | | **Package Type** | QFN (Quad Flat No-lead) or similar thermal-enhanced package | --- ### 2. Key Internal Functional Blocks The "electronic parts" or internal architecture of the MPV3J60B1QJ-R consists of several critical stages: #### A. PWM Controller The heart of the device uses Pulse Width Modulation to regulate the output voltage. It typically supports multiple phases to spread the thermal load and reduce output ripple. #### B. MOSFET Drivers Integrated drivers that control the High-Side and Low-Side MOSFETs. These are designed with "Dead-Time Control" to prevent shoot-through (both MOSFETs being on at once), which would destroy the part. #### C. Feedback & Sensing (Telemetry) * **Current Sensing:** Uses DCR (Inductor Resistance) sensing or IMON to monitor real-time current. * **Voltage Sensing:** High-speed differential remote sensing to ensure the CPU receives the exact voltage required regardless of PCB trace drops. #### D. Communication Interface Most modern parts in this series utilize **PMBus** or **I2C**. This allows the system to: * Read temperature (OT) * Read output current (OC) * Adjust output voltage on-the-fly (Dynamic Voltage Scaling) --- ### 3. Protection Circuits The electronic design includes several safety mechanisms to prevent hardware failure: 1. **OVP (Over-Voltage Protection):** Shuts down the device if the output voltage exceeds a set limit. 2. **OCP (Over-Current Protection):** Limits the current to prevent inductor saturation or MOSFET burnout. 3. **OTP (Over-Temperature Protection):** Thermal shutdown if the silicon die exceeds safe operating temperatures (usually ~150°C). 4. **UVLO (Under-Voltage Lock-Out):** Ensures the chip doesn't attempt to start until the input voltage is stable. --- ### 4. Typical Application Circuit When designing with the MPV3J60B1QJ-R, the following external components are required: ```mermaid graph LR Vin[Input 12V] --> Cin[Input Capacitors] Cin --> MPV[MPV3J60B1QJ-R] MPV --> L1[Inductor] L1 --> Cout[Output Capacitors] Cout --> Vcore[CPU/GPU Load] ``` --- ### 5. Marking Deciphering * **MPV:** Usually indicates the Product Series (High Performance Vcore). * **3J60:** Often refers to the current rating (e.g., 60 Amps) or a specific revision code. * **-R:** Indicates "Tape and Reel" packaging for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MPV3J60B1QJ-R?
    • ⤷ Which thermal management strategies are best for this high-current component?
    • ⤷ Is this part compatible with Intel VR13 or AMD SVI2 power specifications?