전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPZ2012S101A

  • AI
    The **MPZ2012S101A** is a high-performance chip bead (ferrite bead) manufactured by **TDK**. It is primarily used for noise suppression in electronic circuits, particularly in power lines. --- ### 1. Key Specifications The following table summarizes the technical parameters of the component: | Parameter | Specification | | :--- | :--- | | **Impedance (at 100MHz)** | 100 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.02 $\Omega$ | | **Rated Current (Max)** | 4.0 A (4000 mA) | | **Operating Temperature** | -55°C to +125°C | | **Case Size (Metric/EIA)** | 2012 / 0805 | | **Dimensions (L x W x T)** | 2.0 x 1.25 x 0.85 mm | --- ### 2. Functional Characteristics The MPZ series is designed for power line noise reduction. Unlike standard inductors, ferrite beads are designed to dissipate high-frequency noise as heat rather than storing it. * **Low DC Resistance:** With a resistance of only 0.02 $\Omega$, it minimizes voltage drops and power loss, making it ideal for high-current power rails. * **High Current Handling:** Capable of handling up to 4A, which is significant for a small 0805 (2012) package. * **Impedance Profile:** It provides a "S-type" frequency characteristic, which is a standard type used for a wide range of frequencies, effectively suppressing EMI (Electromagnetic Interference). --- ### 3. Application Examples Commonly found in the following circuit types: 1. **Power Supply Lines:** Filtering noise in DC-DC converters and LDO outputs. 2. **Mobile Devices:** Used in smartphones and tablets to prevent interference between digital and analog sections. 3. **Computing:** Decoupling power pins for CPUs, GPUs, and high-speed memory modules. --- ### 4. Part Number Breakdown `MPZ` `2012` `S` `101` `A` * **MPZ:** Series Name (Multilayer Chip Bead for Power Lines). * **2012:** Dimensions (2.0mm x 1.2mm). * **S:** Material type (Standard frequency characteristics). * **101:** Impedance value ($10 \times 10^1 = 100 \Omega$). * **A:** Terminal material / Internal code.
    ✨ Follow-up Questions
    • ⤷What is the difference between MPZ and MMZ series from TDK?
    • ⤷ How does frequency affect the impedance of this ferrite bead?
    • ⤷ Are there automotive-grade versions of the MPZ2012S101A?