전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MPZ2012S101AT

  • AI
    The **MPZ2012S101AT** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression in power lines. --- ## 1. Core Specifications The following table highlights the primary electrical and physical characteristics of the component: | Parameter | Value | Details | | :--- | :--- | :--- | | **Impedance** | 100 $\Omega$ | Measured at 100 MHz | | **DC Resistance (DCR)** | 0.01 $\Omega$ (Max) | Very low resistance to minimize power loss | | **Rated Current** | 6.0 A (Max) | High current handling capability | | **Case Size (EIA/JIS)** | 0805 / 2012 | 2.0mm x 1.25mm | | **Operating Temp** | -55°C to +125°C | Industrial grade range | | **Series** | MPZ | TDK's Power Line series | --- ## 2. Key Electronic Features ### A. Material Composition The "S" material type used in this part offers standard frequency characteristics. It is designed to provide high impedance across a broad range, making it effective for general noise suppression in high-current circuits. ### B. Power Line Optimization Unlike standard signal-line beads, the MPZ series is engineered with lower DC resistance. This ensures that: * **Voltage Drop:** There is minimal voltage drop across the component. * **Heat Generation:** The part remains cool even when carrying high currents (up to 6A). ### C. Multi-layer Structure The part is constructed using a multi-layer internal electrode system. This design allows for a compact 0805 footprint while maintaining high reliability and mechanical strength. --- ## 3. Applications and Use Cases The MPZ2012S101AT is typically found in the following environments: 1. **Smartphones and Tablets:** Suppressing noise in battery lines and power management units (PMICs). 2. **Industrial PCs:** Filtering high-frequency interference on the power rails. 3. **Automotive Infotainment:** Used in non-safety critical electronic control units (ECUs). 4. **DC-DC Converters:** Reducing output ripple and high-frequency switching noise. --- ## 4. Part Number Breakdown Understanding the nomenclature: * **MPZ:** Multi-layer Power Ferrite Bead. * **2012:** Dimensions (2.0mm x 1.25mm). * **S:** Material type (Standard frequency). * **101:** Impedance value (10 + one zero = 100 $\Omega$). * **A:** Characteristic type. * **T:** Taping (Packaging style).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MPZ and MMZ series from TDK?
    • ⤷ How do I calculate the power dissipation of this bead at max current?
    • ⤷ Are there AEC-Q200 qualified versions of this specific ferrite bead?