전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MRD52-R

  • AI
    The **MRD52-R** is an industrial-grade **RFID Reader/Writer Module** commonly used in automation, access control, and payment systems. It is based on the **MFRC522** (or similar NXP architecture) and is designed for high-frequency (13.56 MHz) communication. --- ### 1. Key Electronic Specifications The module integrates the analog circuitry required for contactless communication alongside digital control interfaces. | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 13.56 MHz | | **Supported Protocols** | ISO/IEC 14443 A/MIFARE | | **Operating Voltage** | 3.3V to 5.0V DC | | **Communication Interface** | UART (TTL), I2C, or SPI (Model dependent) | | **Read Range** | 0mm – 50mm (dependent on antenna and tag) | | **Current Consumption** | 13–26mA (Active), <80uA (Sleep) | --- ### 2. Core Electronic Components The MRD52-R consists of several critical stages that manage power, signal processing, and data transmission: #### A. The RFID Controller (IC) The heart of the module is usually the **MFRC522** or a compatible CMOS IC. It handles: * **Modulation/Demodulation:** Converting digital data into radio waves and vice versa. * **Crypto Engines:** Handling security keys for MIFARE cards. * **FIFO Buffer:** A 64-byte buffer for high-speed data transfer between the host and the air interface. #### B. The Antenna Circuit The PCB contains a copper-trace loop antenna. The electronic performance is governed by: * **EMC Filter:** Inductors and capacitors that suppress harmonics. * **Matching Network:** Resistors and capacitors that tune the antenna to exactly 13.56 MHz to ensure maximum power transfer. * **Receiving Circuit:** A diode-based peak detector or internal VMID circuit to extract the subcarrier signal from the tag. #### C. Communication Interface The "R" in MRD52-R often denotes a specific interface configuration (typically **RS232** or **TTL UART**). This allows the module to communicate with a microcontroller (like Arduino, ESP32, or a PLC) using standard TX/RX lines. --- ### 3. Pinout Description While physical layouts may vary by manufacturer, the standard electronic pinout includes: | Pin Name | Type | Description | | :--- | :--- | :--- | | **VCC** | Power | 3.3V or 5V Supply | | **GND** | Power | Ground | | **TX/RX** | Signal | UART Data Lines for host communication | | **RST** | Input | Hardware Reset pin | | **IRQ** | Output | Interrupt request to notify the host of a card presence | --- ### 4. Typical Application Circuit When integrating the MRD52-R, the electronic setup usually follows this logic: ```cpp // Logic flow for interfacing via UART 1. Power up VCC/GND. 2. Send Hex Command: 0xBA 0x02 0x01 ... (Request Card) 3. Module modulates 13.56MHz field. 4. Passive Tag enters field, harvests energy, and reflects signal. 5. MRD52-R demodulates data and sends UID to Host via TX pin. ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the UART and SPI versions of this module?
    • ⤷ How do you calculate the optimal antenna matching for a 13.56 MHz RFID circuit?
    • ⤷ Which MIFARE card types are incompatible with the MRD52-R?