전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MS-4-R/C

  • AI
    The **MS-4-R/C** (often associated with the MS series by manufacturers like Festo or general industrial component suppliers) typically refers to a **Manual On/Off Valve** or a **Soft-Start/Quick Exhaust Valve** assembly within a pneumatic service unit. While the primary function is pneumatic, the "electronic" aspects usually relate to the **solenoid actuation** and **monitoring sensors** integrated into the unit. --- ### 1. Key Electronic Components | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Solenoid Coil** | Converts electrical signals into mechanical movement to open/close the valve. | Usually 24V DC; rated for continuous duty (IP65 protection). | | **Pressure Sensor** | Monitors the downstream pressure and sends an analog or digital signal. | Typically 0-10V or 4-20mA output for PLC integration. | | **M8/M12 Connector** | The physical interface for electrical power and signal transmission. | Standardized industrial circular connectors. | | **LED Indicators** | Provides visual status of the power supply and switching state. | Green (Power), Yellow/Amber (Actuated). | --- ### 2. Operational Logic (Electropneumatic) The MS-4-R/C series operates through a combination of electrical control and air pressure: 1. **Signal Input:** A PLC (Programmable Logic Controller) sends a 24V DC signal to the solenoid. 2. **Pilot Actuation:** The solenoid opens a small "pilot" path, using air pressure to move the main internal piston. 3. **Soft-Start Function:** In many "R/C" configurations, the electronics control a gradual pressure build-up to prevent "hammering" or sudden movements in mechanical actuators. 4. **Feedback Loop:** If equipped with a pressure switch, the unit sends a signal back to the controller confirming that the system has reached the target operating pressure. --- ### 3. Technical Specifications (Electronic Focus) * **Operating Voltage:** 24 V DC (standard range +/- 10%). * **Power Consumption:** Typically 1.0W to 2.5W depending on the coil type. * **Duty Cycle:** 100% (ED), meaning it can stay energized indefinitely without overheating. * **Electrical Connection:** Plug pattern type C (industry standard) or M12. --- ### 4. Safety and Control Wiring To integrate this part into a circuit, the wiring usually follows this logic: * **Pin 1 (+):** 24V Supply. * **Pin 2 (-):** 0V / Common. * **Pin 3 (Signal):** Used if the unit features a pressure switch output. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the manual and solenoid versions of the MS-4 series?
    • ⤷ How do I wire an M12 connector for a pneumatic pressure sensor?
    • ⤷ What are the common failure modes for solenoid coils in service units?