전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MS2-G3-R

  • AI
    The **MS2-G3-R** is a specific electronic component, typically associated with high-precision **Pressure Sensors** (often from manufacturers like Keyence or similar industrial automation brands). It serves as a digital pressure monitoring unit used to measure and display the pressure of gases or liquids. --- ### 1. Technical Specifications The "MS2-G3-R" designation usually refers to a specific configuration regarding output type and pressure range. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Digital Pressure Sensor / Pressure Switch | | **Pressure Type** | Gauge Pressure | | **Rated Pressure Range** | 0 to 1.000 MPa (10.00 bar) | | **Power Supply** | 12 to 24 VDC | | **Output Type** | PNP or NPN Open Collector (Model Dependent) | | **Response Time** | 2.5 ms to 5000 ms (Selectable) | | **Display** | 4-digit, 7-segment LED | --- ### 2. Key Electronic Functions The MS2 series functions through several integrated electronic stages: 1. **Transducer Element:** A silicon piezoresistive element that converts physical pressure into a minute electrical voltage. 2. **Signal Conditioning:** Internal operational amplifiers (Op-Amps) scale and linearize the raw signal from the transducer. 3. **A/D Converter:** An Analog-to-Digital converter translates the signal for the onboard microprocessor. 4. **Control Logic:** The microprocessor compares the live pressure against "Set Points" (user-defined thresholds) to trigger the outputs. 5. **Switching Output:** The "R" in the suffix often denotes a specific wiring or relay-style output behavior (often a dedicated control output for industrial PLCs). --- ### 3. Wiring and Pinout Standard electronic integration for this device follows a 4-wire or 5-wire color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | V+ | Positive power supply (12-24V) | | **Blue** | 0V / GND | Common ground | | **Black** | Control Output 1 | Primary switching signal for the PLC | | **White** | Control Output 2 / Analog | Secondary output or 4-20mA/1-5V signal | --- ### 4. Common Applications * **Leak Detection:** Monitoring pressure drop in sealed pneumatic systems. * **Verification:** Ensuring a vacuum or pressure gripper has successfully picked up a component. * **Process Control:** Regulating the input pressure of industrial machinery to prevent damage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MS2-G3-R and the MS2-V3-R models?
    • ⤷ How do I calibrate the zero-point on this pressure sensor?
    • ⤷ Can this sensor handle corrosive liquid media?