전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MTXO2EVCD

  • AI
    The **MTXO2EVCD** is a high-performance, programmable Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO) module. These components are critical in telecommunications and networking hardware where precision timing is mandatory. --- ### 1. Key Electronic Specifications The "MTXO2" series generally belongs to the high-stability category of timing components. Below are the typical technical parameters associated with this part: | Parameter | Typical Value / Description | | :--- | :--- | | **Output Frequency** | Usually ranges between 10 MHz and 52 MHz | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp range) | | **Supply Voltage** | Commonly 1.8V, 2.5V, or 3.3V DC | | **Output Type** | Clipped Sine Wave or CMOS | | **Control Voltage** | Used for frequency tuning (VCTCXO function) | | **Package Size** | Miniature SMD (e.g., 2.5 x 2.0 mm or 3.2 x 2.5 mm) | --- ### 2. Functional Components The internal architecture of the MTXO2EVCD consists of several integrated electronic stages: 1. **Quartz Crystal Resonator:** The core mechanical element that vibrates at a specific frequency. 2. **Temperature Sensor:** Monitors ambient heat to calculate necessary frequency corrections. 3. **Compensation Network:** An analog or digital circuit that adjusts the load capacitance to counteract frequency drift caused by temperature changes. 4. **Varactor Diode:** Used for the "Voltage Control" (VC) aspect, allowing the user to fine-tune the output frequency via an external voltage. 5. **Output Buffer:** Ensures the signal integrity remains high when driving external loads. --- ### 3. Application Areas Because of its high stability and small footprint, this part is used in: * **5G Infrastructure:** Synchronizing base stations. * **GPS/GNSS Receivers:** Fast signal acquisition requires high frequency accuracy. * **IoT Devices:** Low power consumption for mobile connectivity. * **Wi-Fi 6/7 Routers:** Handling high-speed data modulation. --- ### 4. Part Number Breakdown (General Pattern) While specific to the manufacturer (often Mercury Electronic), the suffix often denotes: * **MTXO2:** Series identifier (Micro-TCXO). * **E:** Temperature Range (often -40°C to +85°C). * **V:** Voltage Control capability included. * **CD:** Specific output format or packaging code.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the MTXO2EVCD package?
    • ⤷ How does a VCTCXO differ from a standard TCXO in a circuit design?
    • ⤷ What is the phase noise performance of this specific oscillator series?