전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MTXO2HFTD

  • AI
    The **MTXO2HFTD** is a specialized electronic component, specifically a **Temperature Compensated Crystal Oscillator (TCXO)** manufactured by Rakon. These devices are designed to provide a highly stable frequency reference, even when subjected to significant temperature fluctuations. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics typical of the MTXO2 series: | Feature | Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Style** | Surface Mount Device (SMD) | | **Frequency Stability** | Typically ±0.5ppm to ±2.5ppm | | **Supply Voltage** | Usually 2.8V, 3.0V, or 3.3V DC | | **Output Type** | Clipped Sine Wave or CMOS | | **Operating Temp Range** | Standard Industrial (-40°C to +85°C) | --- ### 2. Breakdown of Internal Parts A TCXO like the MTXO2HFTD consists of several integrated sub-components working together: 1. **Quartz Crystal Resonator:** The heart of the part. It vibrates at a specific frequency when voltage is applied (the piezoelectric effect). 2. **Compensation Network:** This includes a temperature sensor (thermistor) and a compensation circuit. It senses ambient temperature changes and adjusts the capacitance to keep the crystal on frequency. 3. **Oscillator IC:** An Integrated Circuit that maintains the oscillation of the crystal and manages the power distribution. 4. **Varactor Diode:** Used within the compensation circuit to pull the frequency of the crystal to counteract temperature-induced drift. --- ### 3. Functional Block Diagram (Simplified) Below is a representation of how the electronic parts interact: ```mermaid graph LR A[Voltage Supply] --> B[Oscillator IC] C[Temp Sensor] --> D[Compensation Logic] D --> E[Varactor Diode] E --> B B <--> F[Quartz Crystal] B --> G[Stable Frequency Output] ``` --- ### 4. Common Applications Due to its high stability and small footprint, this part is used in: * **GPS/GNSS Receivers:** Requires precise timing to calculate positions. * **Mobile Communication:** Ensures the device stays locked to the cellular network frequency. * **Wi-Fi and Bluetooth Modules:** Prevents frequency "drift" during high-data-rate transmissions.
    ✨ Follow-up Questions
    • What is the exact output frequency of the MTXO2HFTD model?
    • How does a TCXO differ from a standard XO (Crystal Oscillator)?
    • What are the soldering requirements for this SMD package?