전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MTXO2HVCD

  • AI
    The **MTXO2HVCD** refers to a high-performance **Oven Controlled Crystal Oscillator (OCXO)**. These electronic components are specialized timing devices designed for extreme frequency stability, typically used in telecommunications, aerospace, and precision measurement equipment. --- ## 1. Core Component Breakdown The "MTXO" series generally follows a modular design focused on thermal management. Below are the primary internal parts: | Component | Function | | :--- | :--- | | **Quartz Crystal (SC-cut)** | The vibrating element. "SC-cut" (Stress Compensated) crystals are preferred for their superior thermal stability and aging characteristics. | | **Oven Controller** | An internal heating element and thermistor circuit that maintains the crystal at a specific "turnover" temperature (usually around 75°C to 85°C). | | **Varactor Diode** | Used in the Voltage Control (VC) pin circuit to allow fine-tuning of the frequency via an external voltage. | | **Buffer Amplifier** | Isolates the crystal oscillator from the output load to prevent frequency pulling. | | **Voltage Regulator** | Internal LDO (Low Dropout) regulator that ensures clean DC power to the sensitive oscillation circuit. | --- ## 2. Technical Specifications (General HVCD Series) The suffix **HVCD** typically denotes specific electrical characteristics like the output type and voltage requirements: * **Frequency Range:** Usually available between 10 MHz and 100 MHz. * **Stability:** Can reach levels of ±5 ppb (parts per billion) over the operating temperature range. * **Output Signal:** Likely **HCMOS** or **Clipped Sine Wave**, depending on the specific sub-model. * **Voltage (V):** Often 5.0V or 12V DC for the oven heater power. --- ## 3. Pin Configuration and Connection A standard OCXO like the MTXO2HVCD typically uses a 5-pin or 4-pin through-hole package (DIL-14 or similar European footprint). ```text Pin 1: Voltage Control (Vc) - Fine frequency adjustment Pin 2: Reference Voltage (Vref) or No Connect Pin 3: Supply Voltage (Vs) - Power for both oven and oscillator Pin 4: RF Output - The frequency signal Pin 5: Ground (GND) ``` --- ## 4. Key Advantages 1. **Low Phase Noise:** Vital for high-speed data transmission to reduce "jitter." 2. **Thermal Isolation:** The "Oven" prevents the external environment from shifting the frequency. 3. **Long-term Aging:** Built with high-vacuum seals to ensure the frequency remains accurate over years of operation.
    ✨ Follow-up Questions
    • What is the difference between an OCXO and a standard TCXO?
    • How do I calculate the power consumption during the 'warm-up' phase of this part?
    • What are the common applications for the MTXO2 series in satellite communications?