전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MTXO2LVBD

  • AI
    ## MTXO2LVBD: Electronic Component Overview The **MTXO2LVBD** is part of the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are ultra-low-power, non-volatile FPGAs designed for system control and bridging applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Lattice Semiconductor | | **Product Family** | MachXO2 | | **Logic Cells** | ~1200 LUTs (Look-Up Tables) | | **Voltage Supply** | 1.2V (Internal Core) | | **I/O Voltage Support** | 1.2V to 3.3V | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Lead Count** | 100-pin / 144-pin (depending on full suffix) | | **Memory** | User Flash Memory (UFM) & Embedded Block RAM (EBR) | --- ### 2. Functional Architecture The architecture of the MTXO2LVBD is optimized for low-cost and low-power consumption. Key blocks include: * **Look-Up Tables (LUT4):** The fundamental building blocks used to implement logic functions. * **Non-Volatile Flash:** Unlike many FPGAs that require an external PROM to load code upon startup, the MachXO2 series stores its configuration on-chip. This allows for "Instant-on" functionality. * **Hardened IP Blocks:** It includes built-in hardware for common protocols, reducing the number of logic cells needed for: * $I^2C$ Interfaces * SPI Interfaces * Timer/Counters * **I/O Bank Flexibility:** Supports multiple I/O standards (LVCMOS, LVTTL, PCI, etc.) across different banks, allowing it to interface with various chip voltages on a PCB. --- ### 3. Power Management The "**LV**" in the part number signifies a **Low Voltage** core. * **Core Voltage:** Operates at 1.2V, which significantly reduces static and dynamic power consumption compared to the standard 2.5V/3.3V "HE" or "ZE" variants. * **Sleep Mode:** The device features a power-down mode to extend battery life in portable electronics. --- ### 4. Common Applications Due to its small footprint and low power, the MTXO2LVBD is typically used for: 1. **System Control:** Managing power-up sequencing for CPUs and GPUs. 2. **Interface Bridging:** Converting signals between different protocols (e.g., $I^2C$ to SPI). 3. **I/O Expansion:** Providing additional GPIO pins for microcontrollers that have run out of ports. 4. **Display Driving:** Handling small character or segment LCD timings. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LV' and 'HC' variants in the MachXO2 series?
    • ⤷ Which software tools are required to program the MTXO2LVBD?
    • ⤷ Does this FPGA support differential signaling like LVDS?