전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MUR1060DC-R

  • AI
    The **MUR1060DC-R** is a high-performance, **Ultra-Fast Recovery Rectifier Diode**. It is primarily designed for high-frequency power switching applications where energy efficiency and fast switching speeds are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the MUR1060DC-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Ultra-Fast Recovery | High-speed switching diode | | **Max. Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 600V | Maximum voltage the diode can block | | **Max. Average Forward Current ($I_{F(AV)}$)** | 10A | Current capacity (Total for the device) | | **Reverse Recovery Time ($t_{rr}$)** | < 50ns | Time taken to stop conducting | | **Forward Voltage Drop ($V_F$)** | ~1.3V to 1.5V | Voltage lost during conduction | | **Operating Temperature Range** | -55°C to +150°C | Thermal operating limits | | **Configuration** | Common Cathode | Dual-diode setup sharing a center pin | --- ### 2. Functional Features * **Ultra-Fast Switching:** The low $t_{rr}$ reduces switching losses, making it ideal for high-frequency converters. * **Low Reverse Leakage:** Minimizes power dissipation when the diode is in the "off" state. * **Common Cathode Design:** Often housed in a **TO-263 (D2PAK)** or **TO-220** package, the "DC" suffix usually indicates a dual-diode configuration sharing a cathode, allowing for compact circuit design. * **High Reliability:** Designed to withstand high surge currents and thermal stress. --- ### 3. Common Applications Due to its high voltage rating and fast response time, the MUR1060DC-R is commonly found in the following circuits: 1. **Switching Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC to DC. 2. **Uninterruptible Power Supplies (UPS):** Manages power flow between batteries and inverters. 3. **Motor Controllers:** Functions as a "freewheeling diode" to protect switches from inductive voltage spikes. 4. **DC-DC Converters:** High-speed rectification in buck or boost converters. --- ### 4. Circuit Symbol & Pinout (TO-263/TO-220) In a standard Common Cathode configuration: * **Pin 1:** Anode 1 * **Pin 2/Tab:** Cathode (Common) * **Pin 3:** Anode 2 ```text (Common Cathode) Pin 2 (Tab) | +-------+-------+ | | --- --- / \ / \ (Diodes) ----- ----- | | Pin 1 Pin 3 (Anode 1) (Anode 2) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between an ultra-fast diode and a Schottky diode?
    • ⤷ How does the Reverse Recovery Time (trr) impact heat generation in a circuit?
    • ⤷ Can I use the MUR1060DC-R in a full-bridge rectifier circuit?