전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MUR2020DC-R

  • AI
    ## Overview of the MUR2020DC-R The **MUR2020DC-R** is a high-performance, Ultra-Fast Recovery Rectifier diode. It is typically designed for high-frequency power switching applications where efficiency and fast response times are critical. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MUR2020DC-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Ultra-Fast Recovery | High-speed switching capability | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 200V | Maximum voltage the diode can block | | **Average Forward Current ($I_{F(AV)}$)** | 20A (Total) | Total current handling (often 10A per leg) | | **Reverse Recovery Time ($t_{rr}$)** | < 25-35ns | Time taken to stop conducting after bias reversal | | **Forward Voltage Drop ($V_F$)** | ~0.95V - 1.2V | Typical voltage loss during conduction | | **Operating Temperature ($T_j$)** | -65°C to +175°C | Thermal range for safe operation | --- ### 2. Internal Configuration and Package Most components in the "MUR20" series follow a specific physical and logical layout: * **Common Cathode Configuration:** The "DC" suffix often indicates a **Dual Common Cathode** setup. Inside the package, there are two diodes whose cathodes are connected to the center lead/tab. * **Package Type:** Usually housed in a **TO-220** or **TO-263 (D2PAK)** package. This allows for easy mounting to a heatsink to manage thermal dissipation. * **RoHS Compliant:** The "-R" suffix typically denotes compliance with environmental regulations (Lead-Free/RoHS). --- ### 3. Core Applications Because of its fast switching speed and high current capacity, this part is used in: 1. **Switching Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC. 2. **Inverters:** Essential in solar inverters or motor drives for "freewheeling" protection. 3. **DC-DC Converters:** Acts as a high-efficiency steering diode. 4. **Polarity Protection:** Protects sensitive circuits from reverse battery connection in high-current environments. --- ### 4. Circuit Symbol Representation In a schematic, the MUR2020DC is represented as two diodes pointing toward a single point: ```text Pin 1 (Anode 1) ----|>|----| |---- Pin 2 (Cathode / Tab) Pin 3 (Anode 2) ----|>|----| ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the reverse recovery time (trr) impact the efficiency of a power supply?
    • ⤷ What are the thermal considerations when mounting a TO-220 package like the MUR2020DC?
    • ⤷ Can I use a MUR2020DC-R to replace a standard 60Hz bridge rectifier?