전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MUR2060DC-R

  • AI
    ## Overview of MUR2060DC-R The **MUR2060DC-R** is a high-performance **Ultra-Fast Recovery Rectifier** diode. It is specifically designed for high-frequency power switching applications where efficiency and speed are critical. --- ### Key Technical Specifications | Parameter | Specification | Description | |:---|:---|:---| | **Type** | Ultra-Fast Recovery | High switching speed to reduce power loss | | **Configuration** | Dual Diode (Common Cathode) | Two diodes sharing a center pin | | **Max Voltage ($V_{RRM}$)** | 600V | Peak repetitive reverse voltage | | **Max Current ($I_{F(AV)}$)** | 20A (10A per leg) | Average rectified forward current | | **Recovery Time ($t_{rr}$)** | < 35ns - 50ns | Time taken to stop conducting in reverse | | **Package Type** | TO-247 / TO-220 | Through-hole power package for heat dissipation | | **Forward Voltage ($V_F$)** | ~1.2V - 1.5V | Voltage drop across the diode during conduction | --- ### Internal Circuit Diagram The "DC" in the part number often indicates a **Dual Center-tap** configuration. ```text Pin 1 (Anode 1) ----|>|----| |---- Pin 2 (Common Cathode) Pin 3 (Anode 2) ----|>|----| ``` --- ### Core Features & Functionality 1. **Ultra-Fast Switching:** The extremely low reverse recovery time ($t_{rr}$) minimizes switching losses, allowing the component to operate efficiently in high-frequency environments (e.g., >100kHz). 2. **High Voltage Rating:** With a 600V rating, it is suitable for AC-to-DC rectification in mains-powered equipment. 3. **Low Thermal Resistance:** Designed to be mounted on a heatsink, it manages heat effectively during high-current operations. 4. **Glass Passivated Chip Junction:** Enhances reliability and stability over a wide temperature range. --- ### Common Applications * **Switch Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC to DC. * **Inverters:** Essential in solar inverters or UPS systems for steering current. * **Freewheeling Diode:** Protects circuits from voltage spikes in motor control and inductive load switching. * **Welding Equipment:** High-power rectification for industrial arc welders. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard recovery diode and an ultra-fast recovery diode like the MUR2060DC?
    • ⤷ How do I calculate the heat dissipation requirements for this diode in a 10A circuit?
    • ⤷ Can I parallel the two internal diodes of the MUR2060DC to handle 20A total current?