전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MUR840DC-R

  • AI
    The **MUR840DC-R** is a high-performance electronic component belonging to the **Ultra-Fast Recovery Rectifier** family. It is specifically designed for high-frequency power switching applications where efficiency and speed are critical. --- ### 1. Key Technical Specifications The part number follows a standard naming convention that indicates its primary ratings. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Ultra-Fast Rectifier | Optimized for high-speed switching. | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 400V | Maximum voltage the diode can block in reverse. | | **Average Forward Current ($I_{F(AV)}$)** | 8A | The continuous current capacity of the diode. | | **Reverse Recovery Time ($t_{rr}$)** | < 25ns - 50ns | The time it takes to stop conducting after being biased. | | **Forward Voltage Drop ($V_F$)** | ~1.3V | Voltage lost across the diode when conducting. | | **Operating Temperature** | -65°C to +175°C | Thermal range for stable operation. | --- ### 2. Physical Packaging and Construction The "DC" or "R" suffixes often refer to the packaging style and environmental compliance (e.g., RoHS). * **Package Type:** Typically found in **TO-220AC** (two-lead) or **D2PAK** (surface mount). * **Case Material:** Molded plastic with UL 94V-0 flammability rating. * **Terminal Finish:** Usually matte tin-plated leads, solderable per JESD22-B102. --- ### 3. Core Features * **Ultra-Fast Switching:** The extremely low reverse recovery time ($t_{rr}$) minimizes switching losses, reducing heat generation in high-speed circuits. * **High Surge Capacity:** Capable of handling brief spikes in current without failing. * **Low Leakage Current:** Ensures stability at high temperatures, preventing thermal runaway. --- ### 4. Common Applications Due to its speed and voltage rating, the MUR840DC-R is commonly used in: 1. **Switching Mode Power Supplies (SMPS):** Used as an output rectifier. 2. **Inverters:** Essential for converting DC to AC in solar or UPS systems. 3. **Freewheeling Diode:** Used in motor control circuits to protect components from inductive back-EMF. 4. **DC-DC Converters:** High-frequency buck or boost regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MUR840 and a standard 1N4007 diode?
    • ⤷ How does reverse recovery time affect the efficiency of a power supply?
    • ⤷ Can the MUR840DC-R be used in parallel to increase current capacity?