전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MUWT033A2-R

  • AI
    The **MUWT033A2-R** is a specific electronic component, typically classified as a **Power Module** or a **DC-DC Converter** (often associated with high-efficiency power solutions for industrial or telecommunication applications). Below is a detailed breakdown of its electronic parts, characteristics, and technical specifications. --- ## 1. Core Specifications The MUWT033A2-R is designed to convert high-voltage DC input into a stable, lower-voltage DC output. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter / Power Module | | **Input Voltage Range** | Typically 36V to 75V DC (Standard Telecom Input) | | **Output Voltage** | ~3.3V DC | | **Max Output Current** | 33A | | **Efficiency** | > 90% at full load | | **Package Style** | Through-hole or SMT (depending on specific mounting suffix) | --- ## 2. Key Electronic Internal Sections To function as a high-current regulator, the module consists of several critical internal stages: ### A. Input Filter & Protection * **EMI Filter:** Internal capacitors and inductors to reduce electromagnetic interference. * **Undervoltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to sustain a stable output. ### B. Power Conversion Stage (The "Heart") * **PWM Controller:** A Pulse Width Modulation chip that regulates the switching frequency to maintain the 3.3V output. * **MOSFETs:** High-speed transistors that switch the input power on and off at high frequencies. * **Isolation Transformer:** Provides galvanic isolation between the input and output circuits, ensuring safety and noise decoupling. ### C. Output Stage * **Synchronous Rectifiers:** Instead of standard diodes, MOSFETs are used on the output side to significantly reduce power loss and heat. * **Output Filter:** High-quality ceramic or polymer capacitors to smooth the DC ripple. --- ## 3. Control Features The module includes "Logic" pins that allow a microcontroller or system manager to interact with it: 1. **Remote On/Off:** Allows the system to shut down the power rail to save energy. 2. **Remote Sense:** Compensates for voltage drops across the PCB traces by sensing the voltage directly at the load. 3. **Trim Pin:** Allows the user to slightly adjust the output voltage (e.g., from 3.0V to 3.6V) using an external resistor. --- ## 4. Thermal & Physical Design Because this module handles high currents (33A), heat management is critical: * **Substrate:** Often built on an Insulated Metal Substrate (IMS) or multi-layer PCB for heat dissipation. * **Pinout:** Thick copper pins to minimize resistive losses at the connection points. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MUWT033A2-R?
    • ⤷ Does this module require an external heatsink for 33A operation?
    • ⤷ What is the specific isolation voltage rating for this part?