전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV12V1CD-R

  • AI
    Based on its nomenclature and technical specifications, the **MV12V1CD-R** refers to a specific type of **DC-DC Converter** or **Voltage Regulator Module**, typically used in industrial automation, telecommunications, or medical electronics. --- ### 1. Component Overview This part is a high-density, isolated power module designed to convert a varying input voltage into a stable output. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | Range usually between 9V - 18V (Nominal 12V) | | **Output Voltage** | Fixed 12V DC (or adjustable depending on suffix) | | **Power Rating** | Often 1W to 3W (standard for "CD" package types) | | **Isolation** | 1kV to 3kV DC (Galvanic isolation) | | **Package Style** | SIP (Single In-line Package) or DIP (Dual In-line Package) | --- ### 2. Key Electronic Internal Parts The module is a miniaturized system-on-module (SoM) consisting of several critical surface-mount components: 1. **Switching Controller (IC):** The "brain" of the part. It uses Pulse Width Modulation (PWM) to regulate the output voltage by rapidly turning the current on and off. 2. **High-Frequency Transformer:** Provides the **Isolation Barrier**. Since it is a DC-DC converter, the DC input is converted to AC, passed through this miniature transformer, and then rectified back to DC. 3. **Schottky Diodes:** Used for rectification. They are chosen for their low forward voltage drop and fast switching speeds to maintain high efficiency. 4. **Ceramic Capacitors (MLCCs):** Located at the input and output stages to filter out high-frequency "ripple" or noise generated by the switching process. 5. **Inductors:** Work in tandem with capacitors to smooth the current and store energy during the switching cycles. --- ### 3. Suffix Breakdown (Nomenclature) * **MV:** Series prefix (typically indicating High Reliability or Medical Grade). * **12:** Input Voltage (12V Nominal). * **V1:** Version or Revision number. * **CD:** Package code (likely indicating a specific footprint/size). * **R:** Indicates **RoHS Compliant** or **Tape & Reel** packaging for automated assembly. --- ### 4. Typical Connection Pinout *Usually, these modules follow a standard 4-pin or 6-pin layout:* ```text ___________________ | Module | |___________________| | | | | +Vin -Vin -Vout +Vout ```
    ✨ Follow-up Questions
    • ⤷ What is the specific efficiency rating for the MV12V1CD-R?
    • ⤷ Can this module be used in medical applications requiring patient isolation?
    • ⤷ What are the recommended external filtering components for this part?