전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV12V2CG-R

  • AI
    The **MV12V2CG-R** is a high-performance **Step-Down (Buck) DC-DC Converter** module, typically designed for industrial and telecommunications applications where high efficiency and high power density are required. --- ### 1. General Specifications The device is designed to convert a higher DC input voltage into a regulated 12V output. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 36V to 75V DC (Standard Telecom Range) | | **Output Voltage** | 12V DC | | **Output Current** | Varies by sub-model (often high amperage, e.g., 10A-20A) | | **Topology** | Non-isolated or Isolated Synchronous Buck | | **Efficiency** | >92% at full load | | **Package Type** | SMT (Surface Mount) or Through-Hole Module | --- ### 2. Key Electronic Components & Internal Features The "parts" or internal architecture of a module like the MV12V2CG-R include: * **Synchronous Rectification MOSFETs:** Unlike standard buck converters that use diodes, this uses low $R_{DS(on)}$ MOSFETs to minimize power loss during the switching cycle, allowing for higher efficiency. * **Integrated Inductor:** High-frequency magnetic core designed to handle high saturation currents while maintaining a compact footprint. * **Control Loop (PWM Controller):** Features fixed-frequency pulse width modulation to ensure tight voltage regulation and fast transient response. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Shuts down or limits current during a short circuit. * **OTP (Over-Temperature Protection):** Thermal shutdown if the module exceeds safe operating temperatures. * **UVLO (Under-Voltage Lockout):** Ensures the device does not attempt to start until the input voltage is sufficient. --- ### 3. Pinout & Connectivity Logic While specific pin layouts depend on the manufacturer (often Murata or similar power brands), the functional pins usually include: 1. **+Vin / -Vin:** Input power supply. 2. **+Vout / -Vout:** Regulated 12V output. 3. **Remote ON/OFF (CTRL):** A logic-level pin used to enable or disable the converter remotely. 4. **Trim Pin:** Allows the user to slightly adjust the output voltage (e.g., ±5%) using an external resistor. 5. **Sense Pins (+S / -S):** Used to compensate for voltage drops across PCB traces by sensing the voltage directly at the load. --- ### 4. Application Example (Circuit Block) In a typical system, the MV12V2CG-R acts as an intermediate bus converter: ```mermaid graph LR A[48V DC Source] --> B[MV12V2CG-R] B --> C[12V Rail] C --> D[CPU VRMs] C --> E[Hard Drives/Fans] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current rating for the MV12V2CG-R?
    • ⤷ Does this module require external capacitors for stability?
    • ⤷ Is the MV12V2CG-R an isolated or non-isolated converter?