전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV13T1AD-R

  • AI
    The **MV13T1AD-R** is a specific model of an **AC/DC External Desktop Power Adapter** (often categorized under Power Supplies). These units are typically manufactured by specialized power electronics companies like *Actiontec* or *Chicony* for use with telecommunications equipment, networking devices, or industrial peripherals. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This device is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable low-voltage direct current (DC) required by sensitive electronics. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 100 - 240V AC | | **Input Frequency** | 50 / 60 Hz | | **Output Voltage** | 12V or 13V DC (Model dependent) | | **Output Current** | ~1.0A to 1.5A | | **Connector Type** | Barrel Plug (usually 5.5mm x 2.1mm) | | **Polarity** | Center Positive (+) | --- ### 2. Internal Electronic Components The MV13T1AD-R utilizes **Switch Mode Power Supply (SMPS)** technology. This is more efficient and lighter than older linear transformer-based supplies. Key internal parts include: #### A. Input Section (Primary Side) * **Bridge Rectifier:** Converts incoming AC to a pulsating DC. * **Filter Capacitor:** High-voltage electrolytic capacitor (usually rated for 400V) that smooths the rectified DC. * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a constant output voltage. #### B. Conversion Section * **Switching MOSFET:** A transistor that rapidly turns the power on and off (at kHz frequencies) to drive the transformer. * **High-Frequency Transformer:** A compact ferrite-core transformer that provides galvanic isolation between the mains voltage and the output. #### C. Output Section (Secondary Side) * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC. * **Output Capacitors:** Lower voltage capacitors that filter out high-frequency ripple/noise. * **Optocoupler:** An electronic component that sends feedback from the output side back to the input controller to ensure voltage stability. --- ### 3. Protection Features Standard versions of the MV13T1AD-R include several safety mechanisms built into the circuitry: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds the safe limit. 2. **Short Circuit Protection (SCP):** Prevents the board from burning out if the DC wires are crossed. 3. **Over-Current Protection (OCP):** Limits the output current to prevent overheating. --- ### 4. Common Applications This specific part is most commonly found powering: * **DSL/Fiber Modems:** Specifically branded for *Actiontec* or *CenturyLink* equipment. * **Routers and Access Points.** * **CCTV Cameras:** Where a stable 12V-13V source is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and amperage rating printed on the label of your MV13T1AD-R?
    • ⤷ Are you looking for a replacement part or attempting to repair the internal circuit board?
    • ⤷ Does this specific model use a 2-prong (C8) or 3-prong (C14) AC input cord?