전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV14V2CG-R

  • AI
    The **MV14V2CG-R** is a specific surface-mount (SMD) electronic component, typically categorized as a **Varistor** (specifically a Multilayer Varistor or MLV) manufactured by companies like **Eaton (formerly Cooper Bussmann)** or similar circuit protection specialists. Below is a detailed breakdown of its electronic characteristics and functions. --- ### 1. General Overview The MV series represents Multilayer Varistors designed to protect sensitive electronic circuits from high-voltage transients, such as Electrostatic Discharge (ESD) or lightning-induced surges. | Attribute | Description | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) / Transient Voltage Suppressor (TVS) | | **Package / Case** | 0402 (Standard EIA Surface Mount Size) | | **Technology** | Metal Oxide Varistor (MOV) Material in layers | | **Function** | Overvoltage Protection / Surge Suppression | --- ### 2. Key Electrical Specifications While specific datasheets may vary slightly by manufacturer, the "14V2CG" nomenclature usually follows this standard specification: * **Working Voltage ($V_{dc}$):** Approximately **14V DC**. This is the maximum continuous voltage the part can handle without "clamping." * **Varistor Voltage:** The point at which the device becomes conductive (typically measured at 1mA). * **Capacitance:** Often denoted by the "CG" suffix, which implies a specific capacitance range (usually low to mid-range, e.g., **under 100pF**), making it suitable for high-speed data lines. * **Clamping Voltage:** The maximum voltage the device will allow through during a surge event. --- ### 3. How It Works The MV14V2CG-R acts as a voltage-dependent resistor: 1. **Normal Operation:** At 14V or below, it maintains high impedance (acts like an open circuit). 2. **Surge Event:** When a voltage spike exceeds the threshold, the resistance drops instantly, shunting the excess current to the ground. 3. **Recovery:** Once the spike passes, it returns to a high-impedance state. --- ### 4. Application Areas Due to its small 0402 footprint and 14V rating, it is commonly used in: * **Consumer Electronics:** Smart-phones, tablets, and wearables. * **I/O Ports:** USB 2.0/3.0, HDMI, and audio jacks. * **Automotive:** Low-voltage sensor protection. * **Power Supplies:** DC-side transient protection. --- ### 5. Part Number Breakdown (Generic) | Code | Meaning | | :--- | :--- | | **MV** | Multilayer Varistor Series | | **14** | Working Voltage (14 Volts) | | **V2** | Energy/Current handling category | | **CG** | Capacitance/Tolerance code | | **-R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the MV14V2CG-R?
    • ⤷ How does a Multilayer Varistor (MLV) differ from a TVS Diode in performance?
    • ⤷ Can this component be used for AC line protection?