전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV15T1AD-R

  • AI
    ## Technical Overview of the MV15T1AD-R The **MV15T1AD-R** is a specific model of an **Industrial LCD Monitor**, typically manufactured by companies like **Advantech** or specialized industrial display providers. These units are designed for rugged environments such as factory floors, kiosks, and automation control systems. Below is a breakdown of its primary electronic components and specifications. --- ### 1. Core Technical Specifications The electronics of this module are centered around a 15-inch TFT-LCD panel. | Feature | Specification | | :--- | :--- | | **Display Size** | 15.0-inch Diagonal | | **Resolution** | 1024 x 768 (XGA) | | **Brightness** | ~250 - 350 cd/m² | | **Input Voltage** | 12V DC (usually via an external AC/DC adapter) | | **Interface** | VGA (D-Sub) / DVI (depending on specific revision) | | **Touch Technology** | Analog Resistive (indicated by the "-R" suffix) | --- ### 2. Major Electronic Subsystems #### A. The LCD Controller Board (AD Board) This is the "brain" of the monitor. It converts incoming analog (VGA) or digital (DVI) signals into the LVDS (Low-Voltage Differential Signaling) format that the LCD panel can understand. * **Scaling Engine:** Adjusts the input resolution to fit the native 1024x768 matrix. * **OSD (On-Screen Display) Logic:** Handles user adjustments for brightness, contrast, and color. #### B. Touch Screen Controller The **-R** in the model name stands for **Resistive**. * **Function:** A dedicated microcontroller interprets the pressure-based signals from the 4-wire or 5-wire resistive overlay. * **Connection:** Usually interfaces with the host PC via **USB** or **RS-232 (Serial)**. #### C. Backlight Inverter / LED Driver Older versions of the MV15 series used CCFL (Cold Cathode Fluorescent Lamp) tubes, requiring a high-voltage **inverter**. Modern revisions (LED-backlit) use a **constant current LED driver** to manage the illumination behind the liquid crystals. #### D. Power Management Circuitry Since these are industrial units, the internal PCB includes: * **Voltage Regulators:** To step down 12V input to 5V and 3.3V for the logic chips. * **Protection Circuits:** Capacitors and diodes to protect against electromagnetic interference (EMI) and power surges common in industrial settings. --- ### 3. Connection Pinout (Typical) If you are interfacing with the raw board components, the internal LVDS header usually follows this standard: ```markdown Pin 1-3: VCC (3.3V/5V Power to Panel) Pin 4-6: GND Pin 7-8: Channel 0 (-/+) Pin 9-10: Channel 1 (-/+) Pin 11-12: Channel 2 (-/+) Pin 13-14: Clock (-/+) ``` --- ### 4. Summary of Key Electronic Components 1. **Panel:** TFT Liquid Crystal module. 2. **Controller:** Analog-to-Digital conversion board. 3. **Digitizer:** Resistive touch overlay + control chip. 4. **Interface:** D-Sub 15-pin (VGA) and DC Power Jack. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the resistive touch screen on the MV15T1AD-R?
    • ⤷ What is the specific power consumption in Watts for this model?
    • ⤷ Are there drivers available for Windows 10/11 for the touch controller?