전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV15V1AD-R

  • AI
    The **MV15V1AD-R** is a specific model of a **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like CTS Electronic Components or similar frequency control specialized vendors. These components are essential in telecommunications and data processing for frequency stabilization and clock recovery. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electronic characteristics. Below is a breakdown of the typical specifications for this series: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage ($V_{cc}$)** | Typically +5.0V or +3.3V (Model dependent) | | **Frequency Stability** | ±25ppm to ±100ppm | | **Control Voltage ($V_c$)** | 0.5V to 4.5V (Standard range) | | **Pullability** | ±100ppm (Typical minimum) | --- ### 2. Key Electronic Functions #### A. Voltage Control ($V_c$) The "Voltage Controlled" aspect allows the output frequency to be adjusted slightly by changing the input voltage on a specific pin. This is used in **Phase Locked Loops (PLL)** to synchronize the oscillator with an external reference signal. #### B. Pullability This refers to the range over which the frequency can be deviated. For the MV15 series, the "Pull" range is designed to compensate for crystal aging, temperature variations, and to lock onto incoming data streams. #### C. Low Jitter These parts are engineered for low "Phase Jitter," which is critical in high-speed digital circuits to prevent data errors during transmission. --- ### 3. Pin Configuration (Typical 6-Pad SMD) While you should always consult the specific datasheet for the "-R" revision, the standard layout for this package is: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | **$V_c$ (Control Voltage)** | Input to adjust the frequency | | **2** | **E/D or N.C.** | Enable/Disable function or No Connection | | **3** | **GND** | Case and Circuit Ground | | **4** | **Output** | The RF Frequency Signal | | **5** | **N.C.** | No Internal Connection | | **6** | **$V_{cc}$** | Supply Voltage | --- ### 4. Common Applications * **Telecommunications:** Base stations and switching equipment. * **Networking:** Ethernet switches and SONET/SDH clocks. * **Digital Video:** Used in broadcast equipment for frame synchronization. * **Instrumentation:** Frequency synthesizers and test equipment. --- ### 5. Circuit Integration Example To use this part effectively, a decoupling capacitor (typically 0.01µF to 0.1µF) should be placed as close as possible to the $V_{cc}$ pin to filter out power supply noise. ```c // Schematic Note: [Control Voltage Source] ----> Pin 1 (Vc) [Power Supply +5V] ----------> Pin 6 (Vcc) --- [0.1uF Cap] --- GND [Ground] --------------------> Pin 3 (GND) [Output Signal] <------------ Pin 4 (OUT) ---> [High Impedance Load] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of the MV15V1AD-R variant?
    • ⤷ How does the temperature range affect the frequency stability of this VCXO?
    • ⤷ What are the specific soldering profile requirements for the -R (RoHS) version?