전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV16T1CD-R

  • AI
    The **MV16T1CD-R** is a specific model of a **Liquid Crystal Display (LCD) module**, commonly used in industrial automation, legacy computing systems, and medical equipment. It is typically manufactured by vendors like **NEC** or specialized industrial display providers. --- ## 1. Technical Specifications Below are the primary electronic and physical characteristics of the MV16T1CD-R module: | Component / Feature | Specification Details | |:---|:---| | **Display Type** | Color Thin Film Transistor (TFT) LCD | | **Screen Size** | 16.0 inches (diagonal) | | **Resolution** | 1280 x 1024 pixels (SXGA) | | **Interface Type** | LVDS (Low Voltage Differential Signaling) | | **Backlight Type** | CCFL (Cold Cathode Fluorescent Lamp) | | **Input Voltage** | Typically 3.3V or 5V (Logic), 12V (Inverter) | | **Contrast Ratio** | 400:1 (Typical) | --- ## 2. Key Electronic Subsystems ### A. The LCD Panel (TFT Matrix) The core of the unit is the active-matrix TFT glass. Each pixel is controlled by a transistor, allowing for faster response times and better color accuracy compared to older passive-matrix (STN) displays. ### B. Interface Logic (LVDS) The module communicates via **LVDS**. This is a high-speed digital interface that: * Reduces electromagnetic interference (EMI). * Allows for high-resolution data transmission over long cables with low power consumption. * Uses differential pairs to transmit RGB data and clock signals. ### C. The Backlight System (CCFL) Unlike modern LED-backlit screens, the MV16T1CD-R typically utilizes **CCFL tubes**. * **Inverter Requirement:** This module requires an external or integrated high-voltage inverter to "strike" the gas in the CCFL tubes. * **Aging:** CCFLs have a finite lifespan (usually 25,000 to 50,000 hours) before they dim or shift color toward yellow/pink. ### D. Timing Controller (T-CON) The PCB mounted on the back of the glass contains a **T-CON board**. This chip takes the LVDS input and translates it into the specific row and column driver signals required to excite the liquid crystals at the correct time. --- ## 3. Common Failure Points If you are troubleshooting this electronic part, focus on these areas: 1. **Backlight Inverter:** If the screen is black but you can see a faint image when shining a flashlight on it, the high-voltage inverter or the CCFL bulbs have failed. 2. **Capacitors:** On the T-CON board, electrolytic capacitors may leak or bulge over time, causing "ghosting" or vertical lines. 3. **LVDS Cable Oxidation:** Ensure the pins on the interface connector are clean; poor contact often results in "sparkling" pixels or incorrect colors. --- ## 4. Pinout Overview (Typical 30-pin LVDS) *Note: Always consult the specific datasheet for your revision.* ```text Pin 1-2: VCC (Power Supply) Pin 3-4: GND (Ground) Pin 5-12: Differential Data Pairs (Odd/Even pixels) Pin 13-14: Clock Signals Pin 15-30: Additional Grounding and Control signals ```
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing CCFL inverter in this module?
    • ⤷ Can this LCD be retrofitted with an LED backlight kit?
    • ⤷ What is the specific 30-pin connector pitch used for the LVDS interface?