전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV16V2CG-R

  • AI
    ## Technical Overview: MV16V2CG-R The **MV16V2CG-R** is a specific part number typically associated with **Surface Mount (SMD) Aluminum Electrolytic Capacitors**, often manufactured by companies like **Lelon** or **Nichicon** (specifically within the V-Chip or MV series). --- ### 1. Key Technical Specifications The alphanumeric code provides specific details regarding the component's electrical properties. Below is a breakdown of the standard specifications for this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Surface Mount Device (SMD) / V-Chip | | **Capacitance** | Varies (Standardly linked to 10µF - 100µF range depending on full series) | | **Rated Voltage** | 16V DC | | **Tolerance** | ±20% (Standard) | | **Operating Temperature** | -40°C to +85°C (Standard) or +105°C (High temp) | | **Case Size** | Often 4mm to 6.3mm diameter | --- ### 2. Part Number Breakdown (General Logic) Most manufacturers use a structured naming convention for these components: * **MV:** Series prefix (Indicates a standard, general-purpose SMD electrolytic series). * **16V:** Rated Voltage (16 Volts). * **2CG:** Specific code for Capacitance and Case Size dimensions. * **-R:** Usually indicates **RoHS Compliance** or **Tape & Reel** packaging. --- ### 3. Physical Characteristics & Features 1. **V-Chip Design:** The "V" shape refers to the vertical mounting style on a PCB, designed for automated pick-and-place machines. 2. **Polarity:** These are polarized components. A dark stripe on the top of the aluminum can indicates the **Negative (-)** terminal. 3. **Reflow Soldering:** Designed to withstand the high temperatures of infrared or convection reflow soldering processes. --- ### 4. Common Applications These capacitors are widely used in consumer electronics where space is limited but stable capacitance is required: * **Filtering:** Smoothing out voltage ripples in power supplies. * **Bypassing:** Shunting high-frequency noise to ground. * **Decoupling:** Providing a local energy reservoir for ICs. * **Common Devices:** Laptops, motherboards, LED drivers, and automotive infotainment systems. --- ### 5. Critical Precautions > [!WARNING] > **Polarity:** Always ensure the capacitor is installed with the correct polarity. Reversing the polarity can cause the component to overheat, leak, or explode. > **Voltage Headroom:** It is best practice to run these at roughly 70-80% of their rated voltage (16V) for long-term reliability.
    ✨ Follow-up Questions
    • ⤷ What is the specific capacitance value for the 2CG code in this series?
    • ⤷ Are there 105°C rated alternatives for the MV16V2CG-R?
    • ⤷ What are the physical dimensions (diameter and height) of this part?