전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV18T3AD-R

  • AI
    The **MV18T3AD-R** is a high-performance voltage-controlled oscillator (VCO) or timing module typically used in telecommunications and high-frequency RF applications. Below is a detailed breakdown of its electronic parts and functional characteristics. --- ## 1. Technical Specifications This component is designed for precision frequency control. Its internal architecture is built to maintain stability under varying environmental conditions. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) / TCXO | | **Package Style** | Surface Mount Device (SMD) | | **Control Voltage** | Usually 0.5V to 5.0V | | **Output Type** | CMOS or Sinewave (depending on sub-variant) | | **Stability** | $\pm$1.0 ppm to $\pm$2.5 ppm | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Parts & Construction The "MV" series generally refers to modules containing several internal sub-components integrated into a single shielded package: ### A. The Resonator * **Quartz Crystal:** The heart of the device. It uses a precision-cut quartz blank that vibrates at a specific fundamental frequency. * **Varactor Diode:** An internal semiconductor that acts as a variable capacitor. By changing the input voltage, the capacitance changes, which "pulls" the crystal frequency slightly to allow tuning. ### B. Temperature Compensation Circuitry * **Thermistor Network:** To combat frequency drift caused by heat, internal resistors (thermistors) sense the temperature and adjust the biasing of the oscillator to maintain a flat frequency response. ### C. Active Gain Stage * **Transistor/IC Buffer:** An internal high-speed transistor or integrated circuit provides the gain necessary to sustain oscillation and buffers the output so that external loads do not interfere with the frequency stability. --- ## 3. Pinout and Interface The "AD-R" suffix usually denotes specific pin configurations and RoHS compliance (Tape & Reel packaging). 1. **Vcc (Power):** Supplies the DC voltage required for the internal active components. 2. **GND (Ground):** The common return path and shielding connection. 3. **Vcont (Control Voltage):** The input pin where the user applies a DC voltage to adjust the output frequency. 4. **Output:** The high-frequency signal sent to the rest of the PCB. --- ## 4. Typical Applications Because of its high stability and tuning range, it is commonly found in: * **Phase-Locked Loops (PLLs):** Used to synchronize signals in wireless base stations. * **GPS Receivers:** Providing the master clock reference. * **Networking Hardware:** Ensuring data synchronization in routers and switches.
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency for the MV18T3AD-R variant?
    • ⤷ Can you provide a circuit diagram example for connecting the Vcont pin?
    • ⤷ How does the phase noise of this module compare to standard oscillators?