전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV18V1AD-R

  • AI
    Based on technical specifications for industrial automation and motor control components, the **MV18V1AD-R** typically refers to a specific series of **Motor Protection Circuit Breakers (MPCB)** or manual motor starters, often associated with brands like Mitsubishi Electric or similar industrial manufacturers. Below is an explanation of its electronic and mechanical parts. --- ### 1. General Specifications The MV18V1AD-R is designed to provide protection for motors against overloads, phase failures, and short circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Manual Motor Starter / Circuit Breaker | | **Operation Type** | Rotary Handle (indicated by the "-R" suffix) | | **Protection** | Thermal (Overload) and Magnetic (Short Circuit) | | **Mounting** | DIN Rail (35mm) or Screw Mount | --- ### 2. Internal Electronic and Mechanical Parts #### A. Thermal Overload Release (Bimetallic Strip) * **Function:** Protects the motor from overheating due to prolonged high current. * **Operation:** It consists of bimetallic strips that bend when heated by current. If the current exceeds the set threshold for a specific time, the strips trigger the tripping mechanism. #### B. Magnetic Short-Circuit Release * **Function:** Provides instantaneous protection against short circuits. * **Operation:** Uses an electromagnetic coil (solenoid). When a very high surge current (short circuit) passes through, the magnetic field pulls a plunger that immediately trips the breaker. #### C. Arc Chutes (De-ion Grids) * **Function:** Extinguishes the electrical arc generated when the contacts open under load. * **Construction:** A series of metal plates that break the arc into smaller segments, cooling and dissipating it safely. #### D. Rotary Operating Handle * **Function:** Manual control and status indication. * **Positions:** Usually features **ON**, **OFF**, and **TRIP** positions. The "-R" variant typically uses a rotary knob rather than a toggle switch for better ergonomic control in control panels. --- ### 3. Key Technical Parameters | Parameter | Typical Value / Range | | :--- | :--- | | **Rated Voltage (Ue)** | Up to 690V AC | | **Current Setting Range** | Adjustable (e.g., 1.0A to 1.6A, varies by specific sub-model) | | **Short Circuit Capacity** | Typically 50kA to 100kA depending on voltage | | **Phase Failure Sensitivity** | Built-in (trips if one phase drops) | --- ### 4. Connection Interface * **Main Terminals:** Screw-type terminals for L1, L2, L3 (Input) and T1, T2, T3 (Output to Motor). * **Auxiliary Contacts (Optional):** Many units allow for side-mounted or front-mounted electronic contacts to send signals to a PLC (Programmable Logic Controller) regarding the status (Tripped/Open).
    ✨ Follow-up Questions
    • ⤷ What is the specific current adjustment range for the MV18V1AD-R model?
    • ⤷ How do I wire auxiliary contacts to this circuit breaker for PLC monitoring?
    • ⤷ What are the primary differences between the rotary handle (-R) and toggle versions?