전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV21T2AD-R

  • AI
    The **MV21T2AD-R** is a specific model of an AC/DC power supply module, commonly used in industrial automation and telecommunications equipment. It is designed to convert high-voltage AC input into a stable DC output to drive electronic components. --- ### 1. Technical Specifications The following table summarizes the primary electrical characteristics of the MV21T2AD-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Universal Input) | | **Output Voltage** | 21V DC (Nominal) | | **Current Rating** | Typically 2A - 3A (Varies by specific revision) | | **Efficiency** | > 85% | | **Cooling** | Passive Air Convection | | **Protection Features** | Over-voltage, Over-current, Short-circuit protection | --- ### 2. Core Electronic Components The internal architecture of the MV21T2AD-R consists of several critical stages: #### A. Input Filtering & Protection * **MOV (Metal Oxide Varistor):** Protects the device from high-voltage surges or lightning strikes. * **EMI Filter:** Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. #### B. Rectification & Bulk Capacitance * **Bridge Rectifier:** Converts the AC sine wave into a pulsating DC signal. * **High-Voltage Electrolytic Capacitor:** Smooths the pulsating DC into a high-voltage DC bus (typically ~310V - 400V). #### C. Switching Stage (SMPS) * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain output stability. * **MOSFET:** Acts as a high-speed switch, chopping the DC bus into high-frequency pulses to be sent through the transformer. #### D. Isolation & Secondary Output * **High-Frequency Transformer:** Provides galvanic isolation between the AC input and DC output while stepping down the voltage. * **Schottky Diodes:** Rectifies the high-frequency AC from the transformer back into DC. * **Optoisolator:** Sends feedback from the output side back to the PWM controller to ensure the voltage remains exactly at 21V regardless of the load. --- ### 3. Common Applications * **LCD/LED Monitors:** Often used as an internal power board or external adapter for high-end displays. * **Network Hardware:** Powering routers, switches, or small-scale servers requiring a 21V rail. * **Industrial Controls:** Driving PLCs or sensors that operate on non-standard DC voltages. ---
    ✨ Follow-up Questions
    • ⤷ What are the most common failure points in the MV21T2AD-R module?
    • ⤷ Can this power supply be used for 24V applications if adjusted?
    • ⤷ What are the dimensions and mounting requirements for this specific model?