전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV21T3AD-R

  • AI
    The **MV21T3AD-R** is a specific electronic component, typically categorized as a **Temperature-Compensated Crystal Oscillator (TCXO)**. These components are critical in telecommunications and high-precision electronic timing circuits where frequency stability is paramount. --- ## 1. Core Specifications and Type The MV21T3AD-R belongs to the family of frequency control devices. Its primary purpose is to provide a highly stable clock signal regardless of temperature fluctuations. | Feature | Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Package Style** | Surface Mount Device (SMD) | | **Output Type** | Usually Clipped Sine Wave or CMOS (Model dependent) | | **Application** | GPS, Cellular Base Stations, Wi-Fi modules | --- ## 2. Key Internal Electronic Parts To achieve its high precision, the MV21T3AD-R contains several integrated sub-components: ### A. The Quartz Crystal This is the heart of the part. It is a thin slice of quartz that vibrates at a specific frequency (e.g., 10MHz, 26MHz) when an electric field is applied. ### B. Compensation Network Unlike standard oscillators, the "T" in TCXO stands for **Temperature**. This part contains: * **Thermistor:** A temperature-sensitive resistor that senses ambient heat. * **Varactor Diode:** A voltage-variable capacitor used to pull the crystal frequency back to its center point as the temperature changes. ### C. Oscillator Circuit A low-noise transistor circuit that sustains the mechanical vibration of the quartz and converts it into an electrical signal. --- ## 3. Technical Parameters While specific datasheets can vary by manufacturer (often associated with brands like **Mercury Electronic** or **CTS**), the standard parameters for this series are: * **Frequency Stability:** Often ±0.5ppm to ±2.5ppm (parts per million). * **Operating Voltage:** Typically 1.8V, 2.8V, or 3.3V DC. * **Operating Temperature:** Generally rated for $-30°C$ to $+85°C$. * **Phase Noise:** Optimized to be very low to prevent interference in wireless communication. --- ## 4. Typical Pin Configuration Most SMD TCXOs like the MV21T3AD-R use a 4-pad or 10-pad layout: | Pad Number | Function | | :--- | :--- | | 1 | V_cont (Voltage Control) or NC (No Connect) | | 2 | Ground (GND) | | 3 | Output (Clock Signal) | | 4 | Vcc (Supply Voltage) | ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MV21T3AD-R model you are referencing?
    • ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
    • ⤷ What are the soldering requirements for the MV21T3AD-R SMD package?