전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV22T3CG-R

  • AI
    The **MV22T3CG-R** is a specific model number typically associated with **TFT-LCD Display Modules**, often manufactured by companies like BOE or other industrial display suppliers. These modules are widely used in monitors, industrial HMIs, and medical displays. --- ## 1. Core Technical Specifications The electronic architecture of this module is built around a Liquid Crystal Display (LCD) using Thin Film Transistor (TFT) technology. | Feature | Specification (Typical) | | :--- | :--- | | **Panel Type** | a-Si TFT-LCD | | **Resolution** | 1920 x 1080 (Full HD) | | **Interface** | LVDS (Low-Voltage Differential Signaling) | | **Backlight Unit** | WLED (White Light Emitting Diode) | | **Input Voltage** | 5.0V (Logic) / 12V (Backlight Driver) | | **Color Depth** | 16.7M (8-bit) | --- ## 2. Key Electronic Components ### A. The LCD Controller (T-CON Board) The Timing Controller (T-CON) is the "brain" of the display. - **Function:** It converts the incoming LVDS signal into the specific data and gate signals required by the display's column and row drivers. - **Voltage Regulation:** Contains DC-DC converters to generate $V_{GH}$, $V_{GL}$, $V_{DD}$, and $V_{COM}$ voltages necessary for pixel switching. ### B. Backlight Driver (Inverter/LED Driver) Since this is an LED-backlit panel, it requires a constant current driver. - **Circuitry:** Usually consists of a Boost Converter to step up the input voltage to the level required by the LED string. - **Dimming:** Supports PWM (Pulse Width Modulation) for brightness control. ### C. The Interface Connector The physical connection is usually a **30-pin or 51-pin LVDS connector**. - **Data Lanes:** Uses differential pairs to transmit high-speed video data while minimizing Electromagnetic Interference (EMI). - **Pinout Groups:** Power ($V_{CC}$), Ground (GND), Data Pairs (RX0- to RX3+), and Clock Pairs. --- ## 3. Signal Flow Diagram ```mermaid graph LR A[Video Source/PC] -->|LVDS Signal| B[T-CON Board] B -->|Source Data| C[Column Drivers] B -->|Gate Control| D[Row Drivers] E[LED Driver] -->|DC Power| F[WLED Array] C & D --> G[LCD Glass/Pixels] ``` --- ## 4. Maintenance & Electronic Failures Common electronic issues associated with this type of part include: 1. **Capacitor Failure:** Bulging electrolytic capacitors on the power rail causing flickering. 2. **T-CON Failure:** Results in vertical lines, distorted colors, or a "white screen" effect. 3. **Backlight Open Circuit:** If one LED in the string fails, the entire backlight may shut down due to protection circuitry, resulting in a "dark screen" where an image is visible only with a flashlight.
    ✨ Follow-up Questions
    • ⤷ Can you provide the specific pinout diagram for the 30-pin LVDS connector?
    • ⤷ What is the maximum power consumption of the MV22T3CG-R module?
    • ⤷ Is this display compatible with a standard HDMI to LVDS controller board?