전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV22V2AD-R

  • AI
    The **MV22V2AD-R** is a specific model of a **Miniature Vacuum Fluorescent Display (VFD)** module, commonly manufactured by companies like Noritake Itron. These components are used to display alphanumeric characters with high brightness and contrast, often found in industrial equipment, medical devices, or high-end consumer electronics. --- ### 1. Technical Specifications The "MV" series generally refers to high-reliability VFD modules. Below are the typical electronic characteristics for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Display Type** | Vacuum Fluorescent Display (VFD) | | **Character Format** | 22 Characters x 2 Lines (or similar variation) | | **Operating Voltage** | 5V DC (Logic) | | **Brightness** | ~500 - 1000 cd/m² | | **Interface** | Parallel (8-bit) and Serial (Sync/Async) | | **Operating Temp** | -40°C to +85°C | | **Display Color** | Blue-Green (approx. 505nm) | --- ### 2. Core Electronic Components A VFD module like the MV22V2AD-R is an integrated system consisting of several key electronic layers: * **The Vacuum Tube:** A glass envelope containing a filament (cathode), grids, and anodes coated with phosphor. * **Filament (Cathode):** Fine tungsten wires heated to emit electrons. This requires a specific AC or DC filament voltage. * **Driver ICs:** Integrated circuits mounted on the back of the PCB (often using COB - Chip on Board technology) that translate logic signals into high-voltage pulses to drive the anodes and grids. * **DC-DC Converter:** Since VFDs require higher voltages (typically 20V to 60V) to accelerate electrons, the module includes an onboard inverter to step up the 5V input. * **Controller:** An onboard microprocessor that handles the character font table (ASCII) and interface protocols. --- ### 3. Pinout and Connectivity While specific pinouts can vary by revision, these modules generally utilize a dual-row header: 1. **VCC/GND:** 5V Power supply. 2. **Data Lines (D0-D7):** For 8-bit parallel communication. 3. **Control Lines:** * **RS (Register Select):** Switches between data and instruction mode. * **R/W (Read/Write):** Determines the direction of data. * **E (Enable):** Latches the data into the controller. 4. **Reset:** To re-initialize the display hardware. --- ### 4. Key Advantages * **Self-Luminous:** Unlike LCDs, VFDs do not require a backlight; the pixels themselves emit light. * **Wide Viewing Angle:** Excellent visibility from almost any direction. * **Temperature Stability:** Unlike liquid crystals which freeze or slow down in the cold, VFDs remain responsive at sub-zero temperatures.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the MV22V2AD-R compared to an LCD?
    • ⤷ How do I program a custom character on this VFD module?
    • ⤷ What is the specific command set used for the MV series (e.g.
    • ⤷ HD44780 compatible)?