전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV23T2CD-R

  • AI
    The **MV23T2CD-R** is an electronic component primarily classified as a **TCXO (Temperature Compensated Crystal Oscillator)**. These components are critical in telecommunications and high-precision electronics for maintaining a stable frequency despite environmental temperature changes. --- ## 1. Technical Specifications The following table highlights the typical electrical and mechanical characteristics of this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Package Type** | Surface Mount Device (SMD) | | **Standard Frequency** | Commonly 10.000 MHz to 40.000 MHz (Varies by sub-model) | | **Supply Voltage** | Usually 3.3V or 5.0V DC | | **Output Type** | Clipped Sine Wave or CMOS | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp range) | | **Operating Temp** | -30°C to +85°C | --- ## 2. Key Electronic Components Inside A TCXO like the MV23T2CD-R is not a single crystal, but a micro-circuit consisting of several parts: 1. **Quartz Crystal Blank:** The heart of the unit that vibrates at a specific frequency. 2. **Compensation Network:** A temperature sensor (thermistor) and a varactor diode. As temperature changes, the circuit adjusts the capacitance to "pull" the crystal back to its target frequency. 3. **Oscillator IC:** An integrated circuit that sustains the oscillation and manages power distribution. 4. **Voltage Regulator:** Ensures that small fluctuations in the input voltage do not affect the output frequency. --- ## 3. Applications and Usage Because of its high stability and compact SMD form factor, it is used in: * **GPS Receivers:** Where precise timing is needed to calculate position. * **Wireless Communication:** Base stations and high-end radio transceivers. * **Networking Gear:** Synchronous Ethernet and SONET/SDH equipment. * **IoT Devices:** Low-power wide-area networks (LPWAN) requiring stable clock sources. --- ## 4. Pin Configuration (Typical) Most SMD TCXOs in this series follow a standard 4-pin or 6-pin layout: ```text Pin 1: Vc (Voltage Control/NC) Pin 2: GND (Ground) Pin 3: Output (Signal) Pin 4: Vcc (Supply Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard Crystal (XTAL)?
    • ⤷ How do I interpret the 'CD-R' suffix in the part number?
    • ⤷ What are the soldering requirements for the MV23T2CD-R package?