전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV23V1CG-R

  • AI
    The **MV23V1CG-R** is a specific surface-mount (SMD) electronic component, typically identified as a **Varistor** (Voltage Dependent Resistor) manufactured by companies like **Inpaq**. It is primarily used for **ESD (Electrostatic Discharge) protection** in high-speed data lines. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Property | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | Designed for transient voltage suppression. | | **Package Size** | 0201 (Metric 0603) | Extremely small footprint (0.6mm x 0.3mm). | | **Working Voltage** | 23V DC | The maximum continuous operating voltage. | | **Capacitance** | Low Capacitance (~0.5pF to 1.0pF) | Essential for high-speed signal integrity. | | **Clamping Voltage** | ~45V - 60V | The voltage at which the device shunts the spike. | | **Response Time** | < 1 ns | Provides near-instantaneous protection. | --- ### 2. Functional Role The MV23V1CG-R acts as a "safety valve" for sensitive integrated circuits (ICs). 1. **Normal State:** Under normal operating voltages (below 23V), the part has high impedance and acts like an open circuit, allowing data to pass. 2. **Surge State:** When an ESD event occurs (e.g., a static shock from a human hand), the resistance drops instantly. 3. **Protection:** The device diverts the excess current to the ground, protecting the internal components from being fried by high voltage. --- ### 3. Common Applications Due to its ultra-low capacitance, this part is ideal for interfaces where signal distortion must be minimized: * **Antenna Circuits:** Protecting RF front-ends in smartphones. * **High-Speed Ports:** USB 3.0/3.1, HDMI 2.0, and DisplayPort. * **Mobile Electronics:** Wearables, tablets, and IoT devices where PCB space is extremely limited. * **NFC Modules:** Protection for Near Field Communication antennas. --- ### 4. Circuit Diagram Representation In a schematic, this part is placed in parallel between the signal line and the ground: ```text [ Signal Line ] -----------+----------- [ Protected IC ] | [MLV] <-- MV23V1CG-R | [ Ground ] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an MLV like this and a TVS diode?
    • ⤷ How does the 0201 package size affect the soldering process during PCB assembly?
    • ⤷ Can this component be used in power supply filtering or only for data lines?