전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV24V1AD-R

  • AI
    ## Overview of the MV24V1AD-R The **MV24V1AD-R** is a specific electronic component, typically categorized as a **VGA/Video Interface Module** or a **Video Converter Board**, often used in industrial displays, kiosks, and legacy system integrations. Below is a detailed breakdown of its electronic characteristics and functional components. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and interface specifications for the MV24V1AD-R: | Feature | Specification | | :--- | :--- | | **Input Type** | Analog VGA / RGBHV | | **Output Type** | LVDS (Low-Voltage Differential Signaling) | | **Voltage Input** | Usually +12V DC (standard for display controllers) | | **Maximum Resolution** | Typically supports up to 1280x1024 or 1920x1080 (model dependent) | | **Signal Processing** | Analog-to-Digital Conversion (ADC) | | **Mounting** | PCB with mounting holes for chassis integration | --- ### 2. Functional Electronic Blocks The board is composed of several critical stages to ensure video signal integrity: #### A. Input Interface (VGA) * **D-Sub 15 Pin:** The physical connector for incoming analog signals. * **Termination Resistors:** Used to match the 75-ohm impedance of the VGA cable to prevent signal ghosting. #### B. The Main Controller (Scalar IC) * The heart of the board is an Integrated Circuit (IC) that performs **Scaling**. It takes the incoming analog resolution and scales it to the native resolution of the connected LCD panel. * Includes an **OSD (On-Screen Display)** generator for adjusting brightness, contrast, and positioning. #### C. Power Management Section * **Buck Converters/LDOs:** These components step down the input voltage (e.g., 12V) to the voltages required by the ICs (usually 3.3V, 1.8V, or 1.2V). * **Filter Capacitors:** Electrolytic and ceramic capacitors used to smooth power ripples. #### D. LVDS Output Stage * **Transmitters:** Convert the processed parallel digital data into high-speed serial differential pairs. * **Panel Header:** A multi-pin connector (often 20-pin or 30-pin) that sends the signal and power to the LCD glass. --- ### 3. Common Use Cases 1. **Industrial Monitors:** Replacing old CRT monitors with modern LCD screens in CNC machines. 2. **Kiosks:** Acting as the bridge between a PC's VGA output and an internal raw LCD panel. 3. **Retrofitting:** Upgrading legacy medical or laboratory equipment displays. --- ### 4. Connectivity Example ```c // Typical Signal Flow Logic [VGA Source] -> [ADC Stage] -> [Scaling Engine] -> [LVDS Driver] -> [LCD Panel] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the LVDS connector on this board?
    • ⤷ Does the MV24V1AD-R support HDMI input via an adapter?
    • ⤷ What is the specific power consumption of this module under full load?