전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV25V1AD-R

  • AI
    The **MV25V1AD-R** is a specific part number typically associated with **Surface Mount (SMT) Aluminum Electrolytic Capacitors**. These components are widely used in power management and filtering circuits where space is limited but high capacitance is required. --- ### 1. General Specifications Based on standard industry nomenclature for this series, here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Capacitance** | Typically 1.0 µF (indicated by "1A") | | **Rated Voltage** | 25V DC | | **Tolerance** | ±20% (Standard) | | **Operating Temp** | -40°C to +85°C (Standard) or +105°C (Long life) | | **Packaging** | Tape & Reel (indicated by "-R") | --- ### 2. Breakdown of Part Numbering Manufacturers (such as Elna, United Chemi-Con, or similar) often use a logical coding system: * **MV**: Series prefix (often denotes a standard or low-profile vertical chip type). * **25V**: The maximum working voltage the capacitor can handle. * **1A**: Represents the capacitance value. In many coding systems, "1A" or "105" signifies 1.0 microfarad ($\mu F$). * **D**: Size code (referring to the diameter and height of the "can"). * **-R**: Indicates the packaging format, specifically **Tape & Reel** for automated pick-and-place machines. --- ### 3. Physical Characteristics * **Form Factor:** It is a "Vertical Chip" (V-Chip) type, meaning it sits upright on a plastic base platform that is soldered to the PCB. * **Polarity:** These are **polarized** components. The top of the aluminum can usually features a dark mark (often black or blue) indicating the **negative (-)** terminal. * **Dimensions:** Size "D" usually corresponds to a very small footprint, typically around $4 \times 5.2$ mm or $5 \times 5.2$ mm. --- ### 4. Common Applications Due to its 25V rating and small capacitance, the MV25V1AD-R is generally used for: 1. **Decoupling:** Removing high-frequency noise from power lines in digital circuits. 2. **Filtering:** Smoothing small ripples in DC-DC converters. 3. **Bypassing:** Providing a local energy reservoir for integrated circuits (ICs). 4. **Audio Circuits:** DC blocking and coupling in miniature consumer electronics. --- ### 5. Handling and Soldering * **Reflow Soldering:** Designed to withstand the high temperatures of infrared or convection reflow ovens. * **Shelf Life:** Like all electrolytic capacitors, they have a limited shelf life due to the internal electrolyte drying out over many years.
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the 'D' size code for this series?
    • ⤷ Is there a specific manufacturer datasheet available for the MV series?
    • ⤷ Can I substitute this with a ceramic capacitor of the same value?