전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV25V2CG-R

  • AI
    ## Technical Overview: MV25V2CG-R The **MV25V2CG-R** is a specific surface-mount (SMD) aluminum electrolytic capacitor. It belongs to a class of components designed for high-density electronic assemblies where space is limited but high capacitance and voltage stability are required. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the primary specifications: | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor (V-Chip) | | **Capacitance** | 2.2 µF (indicated by "2R2" or "2" logic) | | **Rated Voltage** | 25V DC | | **Package / Case** | SMD (Surface Mount Device) | | **Size Code** | C (typically 4mm or 5mm diameter) | | **Tolerance** | ±20% | | **Temperature Range** | -40°C to +105°C (Standard for MV series) | --- ### 2. Part Number Breakdown Electronic component numbers are usually coded strings. For the **MV25V2CG-R**: * **MV**: The series name (Standard Low Impedance / General Purpose). * **25V**: The maximum working voltage (25 Volts). * **2**: The capacitance multiplier. * **CG**: Size and packaging code. * **-R**: Indicates the packaging method, usually **Tape & Reel** for automated pick-and-place machines. --- ### 3. Physical Characteristics * **V-Chip Design:** It features a vertical cylindrical body with a square plastic base for stable surface mounting. * **Polarity:** As an electrolytic capacitor, it is polarized. The top of the casing usually features a black or colored marking to indicate the **negative (-)** terminal. * **Reflow Soldering:** Designed to withstand the high temperatures of lead-free reflow soldering processes. --- ### 4. Common Applications This part is commonly found in mid-range voltage circuits across various industries: 1. **Consumer Electronics:** Power supply filtering in televisions and game consoles. 2. **Automotive:** Used in infotainment systems and dashboard displays due to its 105°C temperature rating. 3. **Telecommunications:** DC-DC converter output filtering. 4. **Bypassing:** Providing a low-impedance path for high-frequency noise to ground. --- ### 5. Equivalent and Alternatives If the exact MV25V2CG-R is unavailable, engineers typically look for: * **Nichicon:** UUJ or UUD series. * **Panasonic:** FK or FT series (often higher performance). * **Chemi-Con:** MVE or MVY series.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 'C' size code for this capacitor?
    • ⤷ Can this capacitor be used in AC circuits?
    • ⤷ What is the expected load life (in hours) at its maximum rated temperature?