전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV26T2AD-R

  • AI
    ## Overview of the MV26T2AD-R The **MV26T2AD-R** is a specialized electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** module. These components are primarily utilized in telecommunications, signal processing, and RF (Radio Frequency) applications where precise frequency generation and stability are required. --- ### Key Technical Specifications Based on standard industry data for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Operating Frequency** | Microwave/RF Range (Specific to sub-model) | | **Control Voltage** | Typically 0V to 5V or 0V to 10V | | **Supply Voltage (Vcc)** | 3.3V or 5V DC | | **Output Power** | Measured in dBm (typically +3 to +7 dBm) | | **Package Type** | Surface Mount Device (SMD) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### Core Electronic Internal Parts A VCO module like the MV26T2AD-R consists of several integrated sub-circuits: 1. **Varactor Diode:** The heart of the tuning circuit. Its capacitance changes based on the input control voltage, which in turn alters the output frequency. 2. **Active Transistor:** Acts as the amplifier to sustain oscillation. 3. **Resonator Circuit:** Defines the base frequency range of the module. 4. **Buffer Amplifier:** Isolates the oscillator from the output load to prevent "frequency pulling" (frequency shifts caused by changes in the load). 5. **Voltage Regulator:** Often included internally to ensure the sensitive oscillation circuit receives a stable DC supply. --- ### Applications The MV26T2AD-R is commonly integrated into the following systems: * **Phase-Locked Loops (PLLs):** Used to synthesize specific frequencies. * **Wireless Communication:** Base stations and point-to-point radio links. * **Signal Generators:** Laboratory equipment for testing RF circuits. * **Radar Systems:** Local oscillator for frequency conversion. --- ### Typical Pin Configuration (General) While you should always consult the specific datasheet for the **MV26T2AD-R**, standard VCO modules follow this layout: ```text Pin 1: Vt (Tuning Voltage Input) Pin 2: Vcc (Supply Voltage) Pin 3: RF Out (Signal Output) Pin 4: GND (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the MV26T2AD-R?
    • ⤷ Can this component be used in high-vibration environments?
    • ⤷ What are the recommended decoupling capacitor values for the Vcc pin?