전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV28T3CG-R

  • AI
    The **MV28T3CG-R** is a specific model number typically associated with a **2.8-inch TFT LCD Display Module**. These modules are commonly used in industrial controls, handheld devices, and medical instruments. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical and physical characteristics of the display module. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Display Size** | 2.8 Inch | Diagonal measurement | | **Resolution** | 240 x 320 Pixels | QVGA Resolution | | **Interface** | MCU / SPI / RGB | Usually supports multiple bus modes | | **Driver IC** | ILI9341 (or similar) | Integrated display controller | | **Supply Voltage (VDD)** | 2.8V - 3.3V | Logic supply voltage | | **Backlight Type** | White LED | Usually 4-6 LEDs in parallel or series | | **Display Type** | TFT LCD | Thin Film Transistor | | **Color Depth** | 65K / 262K | 16-bit or 18-bit color | --- ## 2. Key Electronic Components ### A. The LCD Controller (Driver IC) The heart of the module is usually a chip like the **ILI9341**. This IC handles the communication between your microcontroller (e.g., Arduino, STM32) and the liquid crystal pixels. It includes: * **GDDRAM:** Internal memory to store the frame data. * **DC-DC Converters:** Generates the high voltages (VGH/VGL) required to drive the liquid crystal gates. ### B. Flexible Printed Circuit (FPC) The **FPC** is the orange/brown ribbon cable that connects the glass panel to the PCB. It contains: * **Passive Components:** Surface-mount resistors and capacitors for noise filtering and voltage stabilization. * **Interface Pins:** Usually ranging from 37 to 50 pins depending on the specific revision. ### C. Backlight Unit (BLU) The module contains a series of White Light Emitting Diodes (WLEDs). * **Operating Current:** Typically 20mA per LED. * **Drive Circuit:** Requires a constant current driver to ensure uniform brightness and prevent burnout. --- ## 3. Pinout Logic (Typical) While exact pinouts can vary by manufacturer, a standard 2.8" TFT module generally follows this logic: ```markdown 1. GND -> Ground 2. VCC -> Power (3.3V) 3. CS -> Chip Select 4. RS/DC -> Register Select / Data Control 5. WR -> Write Clock 6. RD -> Read Clock 7. RESET -> Hardware Reset 8. DB0-DB15 -> Data Bus (Parallel) 9. LED_A -> Backlight Anode (+) 10. LED_K -> Backlight Cathode (-) ``` --- ## 4. Integration Considerations 1. **Logic Level Shifting:** If using a 5V microcontroller (like an Arduino Uno), you **must** use a level shifter to bring signals down to 3.3V to avoid damaging the ILI9341 controller. 2. **Heat Dissipation:** Although small, the backlight can generate heat if driven at maximum brightness for extended periods. 3. **Touch Overlay:** Some versions of the MV28T3CG-R come with a resistive touch panel (4-wire), which requires an additional controller (like the XPT2046). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the MV28T3CG-R 37-pin version?
    • ⤷ Can this display be driven using a standard Arduino SPI library?
    • ⤷ What is the maximum backlight current recommended for this specific model?