전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV28V1AD-R

  • AI
    The **MV28V1AD-R** is a high-precision, voltage-controlled crystal oscillator (VCXO) typically used in telecommunications, networking, and synchronization circuits. It is designed to provide a stable frequency reference while allowing for fine-tuning via a control voltage. --- ## 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the MV28V1AD-R series: | Parameter | Typical Value / Range | Unit | | :--- | :--- | :--- | | **Nominal Frequency** | Standard frequencies (e.g., 10 MHz to 52 MHz) | MHz | | **Supply Voltage (Vcc)** | 3.3V or 5.0V (Variant dependent) | V | | **Output Type** | CMOS / Sine Wave | - | | **Frequency Stability** | ±0.28 ppm to ±1.0 ppm | ppm | | **Control Voltage Range** | 0.5V to 2.5V or 0V to 3.0V | V | | **Pulling Range** | ±5 ppm to ±15 ppm | ppm | | **Operating Temperature** | -40°C to +85°C | °C | --- ## 2. Core Components and Functions The device is an integrated module containing several critical electronic sub-parts: ### A. High-Q Quartz Crystal The heart of the component is a precision-cut quartz crystal. It acts as the mechanical resonator that dictates the base frequency. ### B. Varactor Diode (Varicap) To achieve the "Voltage Controlled" aspect, a varactor diode is placed in the oscillation circuit. When the control voltage is applied to the **V_ctrl** pin, the capacitance of this diode changes, slightly shifting the resonance frequency of the crystal (the "pulling" effect). ### C. Buffer Amplifier An internal semiconductor stage that amplifies the weak oscillations from the crystal and provides a robust output signal (usually CMOS) capable of driving downstream integrated circuits without loading the oscillator. --- ## 3. Application Areas Due to its high stability and ability to be synchronized to an external reference, the MV28V1AD-R is found in: * **SDH/SONET Equipment:** For clock recovery and timing. * **Base Stations:** Synchronizing cellular signals (LTE/5G). * **Phase-Locked Loops (PLL):** Used as the local oscillator that locks onto a master GPS or Atomic clock signal. --- ## 4. Connection Interface (Pinout Basics) Typically, these modules use a small surface-mount (SMD) package with the following pin assignments: 1. **V_ctrl:** Input for frequency adjustment voltage. 2. **GND:** Circuit ground. 3. **Output:** The generated clock signal. 4. **Vcc:** DC Power supply.
    ✨ Follow-up Questions
    • ⤷ What is the exact pulling range for the MV28V1AD-R model?
    • ⤷ How does temperature affect the frequency stability of this VCXO?
    • ⤷ What are the recommended decoupling capacitor values for the Vcc pin?