전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV62T2CD-R

  • AI
    The **MV62T2CD-R** is a specific model of a **Crystal Oscillator**, specifically a **VCTCXO** (Voltage Controlled Temperature Compensated Crystal Oscillator). These components are critical in telecommunications and high-precision timing circuits where frequency stability is paramount. --- ### 1. Technical Specifications The following table outlines the typical electrical characteristics for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | VCTCXO (Voltage Controlled Temp. Compensated) | | **Frequency Range** | Typically 10MHz to 52MHz (Model specific) | | **Supply Voltage (Vcc)** | 3.3V or 5.0V | | **Frequency Stability** | ±0.5ppm to ±2.5ppm | | **Output Type** | Clipped Sine Wave or CMOS | | **Operating Temp.** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SMD (Surface Mount Device) | --- ### 2. Core Functional Parts To understand the "electronic parts" within this device, we must look at its internal architecture: #### A. The Quartz Crystal The heart of the device is a precision-cut quartz crystal. When an electric field is applied, it vibrates at a specific resonant frequency. #### B. Temperature Compensation Circuit Standard crystals drift as temperature changes. The MV62T2 series includes an internal **thermistor network** or a digital compensation IC that adjusts the load capacitance to counteract frequency drift caused by heat. #### C. Voltage Control (VC) Pin The "V" in VCTCXO stands for Voltage Controlled. This allows an external tuning voltage to be applied to a **Varactor Diode** inside the package. This fine-tunes the output frequency to synchronize with other system clocks. #### D. Integrated Circuit (IC) / Buffer The internal IC manages the oscillation and ensures the output signal (Clipped Sine or CMOS) is stable and can drive the intended load without signal degradation. --- ### 3. Application Use Cases Because of its high stability, the MV62T2CD-R is commonly found in: * **GPS Receivers:** Requiring precise timing to calculate coordinates. * **Base Stations:** For cellular synchronization (LTE/5G). * **IoT Gateways:** Ensuring long-range wireless communication remains on-channel. * **Wi-Fi/Bluetooth Modules:** Where frequency hopping requires a stable reference clock. --- ### 4. Implementation Example In a standard PCB layout, the pinout typically follows this logic: ```c Pin 1: Voltage Control (Vcon) - Adjusts frequency Pin 2: Ground (GND) Pin 3: Output (Frequency Signal) Pin 4: Supply Voltage (Vcc) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a VCTCXO?
    • ⤷ How does temperature affect crystal oscillator frequency?
    • ⤷ What are the common footprints/package sizes for the MV62T2 series?