전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV62V2AD-R

  • AI
    The **MV62V2AD-R** is a specific model of a **Solenoid Valve**, typically manufactured by companies like **CKD Corporation** or used in specific industrial automation machinery. It belongs to the category of electromechanical components used to control the flow of fluids (usually compressed air). Below is a detailed explanation of its electronic and electromechanical parts. --- ## 1. Core Electronic & Electromechanical Components | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Coil** | A copper wire winding housed in the top section. | Converts electrical energy into a magnetic field to move the internal plunger. | | **Plunger (Armature)** | A ferromagnetic rod inside the coil. | Acts as the "switch" that physically opens or closes the valve orifice when magnetized. | | **Lead Wires / Connector** | Electrical interface (usually DC24V). | Provides the path for the control signal from a PLC or switch. | | **Suppression Diode** | Often integrated into the "R" (Reduced wattage/Relay) versions. | Protects the driving circuit (PLC) from "flyback" voltage spikes when the coil de-energizes. | | **Indicator LED** | A small light-emitting diode. | Provides visual confirmation that the coil is energized. | --- ## 2. Technical Specifications The "R" suffix in the part number often denotes specific electrical characteristics related to energy efficiency or surge suppression. | Specification | Typical Value | | :--- | :--- | | **Rated Voltage** | DC 24V (Most common for industrial PLC control) | | **Power Consumption** | Low wattage (often 0.6W to 1.2W) | | **Duty Cycle** | 100% Continuous rating | | **Insulation Class** | Class B or E | | **Wiring Method** | Grommet or Plug-in Connector | --- ## 3. Operating Principle 1. **Electrical Input:** A DC signal is sent from a controller (like a PLC) to the **solenoid coil**. 2. **Electromagnetic Induction:** The current flowing through the coil creates a magnetic field. 3. **Mechanical Action:** The magnetic field pulls the **plunger** upward against a return spring. 4. **Flow Control:** The movement of the plunger opens the pilot valve, which then uses air pressure to shift the main spool, allowing air to pass through the ports. 5. **De-energization:** When power is cut, the magnetic field collapses, and the spring pushes the plunger back to its original position, closing the valve. --- ## 4. Key Features of the "R" Variant In the CKD/MV series nomenclature, the **-R** often indicates: * **Surge Suppressor:** Built-in protection to prevent electronic noise from interfering with nearby sensors or microcontrollers. * **Reduced Power:** Optimized for low-heat generation, allowing the valve to stay energized for long periods without damaging the internal insulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MV62V2AD-R connector?
    • ⤷ Can this valve be operated with a PWM signal for proportional control?
    • ⤷ What is the maximum frequency (Hz) this solenoid can switch at?