전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV62V2CD-R

  • AI
    Based on the model number provided, the **MV62V2CD-R** appears to be a specific variant of a **Clock Oscillator** or **TCXO (Temperature Compensated Crystal Oscillator)**, often associated with high-precision timing applications. Below is a breakdown of the electronic components and specifications typical for this class of device. --- ### 1. Component Identification | Feature | Description | | :--- | :--- | | **Category** | Frequency Control / Oscillators | | **Type** | Surface Mount (SMD) Crystal Oscillator | | **Common Application** | Networking, Telecommunications, Base Stations | | **Packaging** | Reel (-R stands for Tape & Reel) | --- ### 2. Key Electronic Parameters These parts are defined by their ability to provide a stable reference frequency for microprocessors and digital circuits. * **Frequency Stability:** Usually measured in Parts Per Million (PPM). Devices in this series often range from ±25ppm to ±100ppm depending on temperature. * **Voltage Supply (Vcc):** Typically operates at standard logic levels, such as **3.3V** or **5.0V**. * **Output Logic:** Most likely **CMOS** or **LVCMOS**, providing a square wave signal to the rest of the circuit. * **Temperature Range:** The "C" in the suffix often denotes a commercial temperature range (0°C to +70°C) or industrial (-40°C to +85°C). --- ### 3. Internal Block Diagram Logic An oscillator of this type contains four primary internal electronic stages: 1. **Quartz Crystal Blank:** The physical heart of the component that vibrates at a specific frequency. 2. **Oscillator IC:** An integrated circuit that sustains the vibration of the crystal. 3. **Buffer Amplifier:** Strengthens the signal so it can drive other components on the PCB without degrading. 4. **Bypass Capacitor (Recommended):** While not inside the part, a **0.01µF to 0.1µF** capacitor is required between the Vcc and GND pins to filter electronic noise. --- ### 4. Typical Pin Configuration For a standard SMD oscillator (usually 4 or 6 pins), the layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **2** | GND | Ground Connection | | **3** | Output | The generated clock signal | | **4** | Vdd/Vcc | Power Supply | --- ### 5. Usage Considerations * **Soldering:** Being an SMD component, it is sensitive to heat profiles. Reflow soldering should follow JEDEC standards to avoid cracking the internal crystal. * **Termination:** If the trace length is long, a series termination resistor (typically 22Ω to 33Ω) should be placed near the output pin to prevent signal reflection.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency (MHz) of your MV62V2CD-R unit?
    • ⤷ Do you require the footprint dimensions for PCB layout?
    • ⤷ Are you looking for an equivalent cross-reference from another manufacturer like Epson or SiTime?