MV62V3CG-R
AI

The **MV62V3CG-R** is a high-performance, surface-mount (SMD) Light Emitting Diode (LED) typically utilized in industrial displays, status indicators, and consumer electronics. It belongs to the sub-miniature chip LED category.
---
## 1. Technical Specifications
The following table highlights the primary electrical and optical characteristics of the MV62V3CG-R:
| Parameter | Specification |
| :--- | :--- |
| **Emitted Color** | Green (High Efficiency) |
| **Lens Appearance** | Water Clear |
| **Luminous Intensity** | ~15 - 40 mcd (at 20mA) |
| **Forward Voltage ($V_F$)** | 2.1V (Typical) / 2.8V (Max) |
| **Forward Current ($I_F$)** | 20mA (Continuous) |
| **Peak Wavelength** | 565 nm - 570 nm |
| **Viewing Angle** | 120 Degrees |
| **Package Size** | 1206 (Metric 3216) |
---
## 2. Key Features
* **Sub-miniature Footprint:** The 1206 package size allows for high-density mounting on Printed Circuit Boards (PCBs).
* **Wide Viewing Angle:** The 120° spread ensures visibility from off-axis positions, making it ideal for backlighting.
* **Reliability:** Designed for automated "pick and place" assembly and compatible with infrared (IR) reflow soldering.
* **Low Power Consumption:** Operates efficiently at standard logic level currents (5mA to 20mA).
---
## 3. Circuit Integration
To ensure the longevity of the MV62V3CG-R, a current-limiting resistor ($R$) must be used in series. You can calculate the resistor value using Ohm's Law:
### Formula
$$R = \frac{V_{source} - V_{F}}{I_{F}}$$
### Example Calculation
If using a **5V** power supply and targeting **20mA** ($0.02A$):
```text
R = (5V - 2.1V) / 0.02A
R = 2.9V / 0.02A
R = 145 Ohms (Use a 150 Ohm standard resistor)
```
---
## 4. Typical Applications
* **Status Indicators:** Power-on lights for routers, modems, and chargers.
* **Backlighting:** Illuminating LCD screens or membrane switches.
* **Automotive:** Dashboard icons and internal cabin lighting.
* **Consumer Electronics:** Wearable devices where PCB space is limited.
- ⤷
What are the storage requirements to prevent moisture sensitivity for this LED?
- ⤷ Is there a specific orientation or polarity marking on the 1206 package?
- ⤷ Are there alternative colors available in the MV62 series?