전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV63T2AG-R

  • AI
    The **MV63T2AG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering circuits due to their high capacitance-to-volume ratio. --- ### 1. Technical Specifications While exact parameters can vary by manufacturer (often associated with brands like **Lelon** or **Samxon**), the alphanumeric code generally breaks down as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | SMD (Surface Mount Device) / V-Chip | | **Voltage Rating** | 63V (Indicated by "63") | | **Series** | MV (Medium Voltage / Standard Life) | | **Operating Temperature** | Usually -40°C to +105°C | | **Polarity** | Polarized (Must be installed in correct orientation) | ### 2. Physical Characteristics * **V-Chip Design:** It features a flat bottom base (usually square or rectangular) designed to be soldered directly onto a PCB (Printed Circuit Board) using automated pick-and-place machines. * **Marking:** The top of the metal "can" usually features a black stripe indicating the **negative terminal** and text denoting capacitance and voltage. ### 3. Common Applications The MV63T2AG-R is designed for general-purpose electronic circuits that require stable power: * **DC-DC Converters:** Filtering output noise and stabilizing voltage. * **Consumer Electronics:** Used in LED drivers, televisions, and audio equipment. * **Industrial Power Supplies:** Providing bulk capacitance for smoothing rectified AC power. * **Automotive Systems:** Used in non-critical electronic control units (ECUs). ### 4. Handling and Soldering | Category | Recommendation | | :--- | :--- | | **Soldering** | Reflow soldering is standard; ensure the thermal profile does not exceed the component's peak temperature (typically 240°C-260°C). | | **Polarity** | **Critical:** Reverse voltage can cause the component to overheat, leak, or explode. | | **Shelf Life** | Electrolytic capacitors can dry out over time. It is recommended to check the leakage current if the part has been stored for more than 2 years. | ---
    ✨ Follow-up Questions
    • ⤷ What is the capacitance value (uF) of the MV63T2AG-R?
    • ⤷ What are the physical dimensions (diameter and height) for this specific part?
    • ⤷ Are there low-ESR alternatives to the MV series for high-frequency applications?