전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV65T2AG-R

  • AI
    The **MV65T2AG-R** is a high-performance, automotive-grade Silicon Carbide (SiC) Power MOSFET module typically manufactured by companies like STMicroelectronics (as part of their ACEPACK line) or similar specialized power semiconductor firms. It is designed for high-efficiency power conversion in electric vehicles (EVs). --- ### 1. Key Technical Specifications Below are the typical parameters for this class of SiC MOSFET module: | Parameter | Specification (Typical) | | :--- | :--- | | **Technology** | Silicon Carbide (SiC) | | **Configuration** | Six-pack (3-Phase Bridge) | | **Drain-Source Voltage ($V_{DSS}$)** | 650V to 1200V (depending on sub-series) | | **Continuous Drain Current ($I_D$)** | ~100A to 200A | | **On-Resistance ($R_{DS(on)}$)** | Low milliohm range (e.g., 5-15 mΩ) | | **Package Type** | ACEPACK or similar high-density mold | | **Qualification** | AEC-Q101 (Automotive Grade) | --- ### 2. Major Electronic Features * **Silicon Carbide (SiC) Advantage:** Unlike standard Silicon (Si) IGBTs, SiC MOSFETs allow for much higher switching frequencies and significantly lower switching losses. This leads to smaller passive components (inductors/capacitors). * **Integrated NTC Thermistor:** The module usually includes a built-in Negative Temperature Coefficient (NTC) sensor. This allows the system controller to monitor the internal junction temperature in real-time to prevent thermal runaway. * **Low Parasitic Inductance:** The internal layout is optimized for low stray inductance, which is critical to reducing voltage spikes during high-speed switching. * **High Thermal Conductivity:** Uses advanced substrate materials (like AlN or Al2O3) to ensure efficient heat transfer from the SiC dies to the cooling plate. --- ### 3. Circuit Application The "Six-pack" configuration means this single module contains six MOSFETs organized into three half-bridges. This is the standard architecture for driving a 3-phase motor. ```cpp // Example: Basic PWM Control Logic for an Inverter Bridge void drivePhase(int phase, int dutyCycle) { if (dutyCycle > 0) { setHighSide(phase, ON); setLowSide(phase, OFF); } else { setHighSide(phase, OFF); setLowSide(phase, ON); } } ``` --- ### 4. Primary Applications 1. **Traction Inverters:** The main component that converts DC battery power into AC to drive an EV's motor. 2. **On-Board Chargers (OBC):** High-speed AC-DC conversion for charging vehicle batteries. 3. **DC-DC Converters:** Stepping down high battery voltage (400V/800V) to low voltage (12V) for cabin electronics.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the MV65T2AG-R in a traction inverter?
    • ⤷ How does the switching frequency of SiC compare to traditional IGBT modules?
    • ⤷ What is the specific pinout configuration for the ACEPACK style housing?