전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MV65V3CG-R

  • AI
    The **MV65V3CG-R** is a specific model of a **Rotary Encoder** (often categorized under electromechanical components). These parts are primarily used in audio equipment, consumer electronics, and industrial controls to convert the physical rotation of a knob into digital signals. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder | | **Output Type** | 2-bit Quadrature (A and B signals) | | **Detents** | Often 20 or 24 clicks per 360° | | **Switch Function** | Integrated momentary push-button (optional in some variants) | | **Voltage Rating** | 5V DC (typical logic level) | | **Mounting Type** | Through-hole (PCB Mount) | | **Shaft Material** | Plastic or Metal (depending on sub-suffix) | --- ## 2. Pinout Configuration A standard 5-pin configuration for these encoders usually follows this layout: ### Main Encoder Pins (Group of 3) 1. **Channel A:** Output pulse signal. 2. **Common (GND):** Connected to the ground. 3. **Channel B:** Output pulse signal (offset by 90° from A). ### Push-Button Pins (Group of 2) * **Switch 1:** Connection to the internal tactile switch. * **Switch 2:** Connection to the internal tactile switch. --- ## 3. How It Works (The Electronics) The MV65V3CG-R operates on the principle of **Quadrature Encoding**. * **Rotational Logic:** As the shaft turns, it opens and closes internal contacts. By monitoring the phase difference between Channel A and Channel B, a microcontroller (like an Arduino or STM32) can determine both the **speed** and the **direction** (clockwise vs. counter-clockwise) of the turn. * **Debouncing:** Because these are mechanical contacts, they produce "noise" or "bounce" when switching. In a circuit, this is usually mitigated using: * **Hardware:** RC Filter (Resistor-Capacitor circuit). * **Software:** Logic delays or state-machine checks. --- ## 4. Common Applications * **Audio Equipment:** Volume control, menu navigation on amplifiers. * **Appliances:** Timer settings on microwave ovens or washing machines. * **DIY Electronics:** Interface navigation for 3D printers or synthesizers. ---
    ✨ Follow-up Questions
    • ⤷How do I wire the MV65V3CG-R to an Arduino?
    • ⤷ What is the difference between an incremental and absolute encoder?
    • ⤷ How can I implement software debouncing for this part?